Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMBN04BE Fiches technique(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

No de pièce FMBN04BE
Description  Nonilluminated options in 4 or 16 keys, illuminated choices in 12 or 16 keys
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Site Internet  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FMBN04BE Fiches technique(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  FMBN04BE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FMBN04BE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FMBN04BE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FMBN04BE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series FM
Membranes
www.nkk.com
L
L18
Border
(1.5) Typ
.059
Printable
Area
Card
(1.5) Typ
.059
Adhesive Strip
Protective
Film
Surface
Sheet
1 0
4
7
2
STOP
5
8
3
6
9
C D
B
A
Surface
Sheet
Instructions for Customizing Insertable Legends
The membrane keypad assembly comes with three insertable legend cards: yellow, gray and black.
The following provides guidelines for creating and insertion of legend cards for the membrane switch
keypad assembly. Read all of the instructions prior to customizing and inserting the legend card.
• Using the borders on the insertable legend card as a guide, be sure characters on the card are
about 1.5mm (.059”) within these borders. This is the printable area.
• Legend characters may be drawn, printed, etc. Be sure that application choice is completely
dry before inserting into membrane keypad assembly.
Instructions for Inserting Legend Card
• Note correct orientation of insertable legend card. Insert card under surface sheet, and use caution
to avoid bending the membrane keypad assembly. Do not use pointed object to insert card, and do
not remove surface sheet.
• Align and center all legend characters within the squares of the surface sheet.
• Smooth any wrinkles or air pockets from surface sheet.
• Peel off adhesive strip from the membrane keypad assembly.
• The legend card is now firmly in place and cannot be removed.
• Detach the protective film.
• Communication equipment
• Office machines
• Electronic equipment for national security
• Automation equipment
• Electronic equipment
• Amusement equipment
Connectors
INSERTABLE LEGEND CARDS
APPLICATIONS
Recommended Connectors for 5 Pin
Straight: FCI Part No. SLW5S-5C7LF
Right Angle: FCI Part No. SLW5R-5C7LF
Recommended Connectors for 8 Pin
Straight: FCI Part No. SLW8S-5C7LF
Right Angle: FCI Part No. SLW8R-5C7LF
PRECAUTIONS FOR HANDLING
• Assembly of legend card insert is handled by the customer. Therefore, we recommend to evaluate the finished product with the card
assembled.
• Nonilluminated products have a loophole on each key. It is possible to add optional illumination by installing appropriate LEDs.
Legend card does not have loopholes.
• To test proper electrical operation of switches, use of an electric buzzer is recommended.
• Use an additional chattering prevention circuit for the switch circuit.
• Do not operate switches with pointed objects (i.e. screwdrivers) to prevent perforation of film overlay.
• Use an FPC connector that corresponds to the printed circuit. Contact factory for suitable connectors.
• During assembly and installation of legends place devices on a level, sturdy surface. We do not recommend assembly and installa-
tion of device using a free hand or on a soft surface.
• Do not fold, bend, or apply pressure to the product.
• These devices contain adhesive that may emit noise. This does not affect product functionality.
• Do not depress any switch areas during assembly/installation.
• These membrane switches are built with air vents. Prior to installation, make corresponding holes to allow air vents to function.
These holes should first be aligned with the membrane switch device, then made on the body of the final installation structure.
Do not allow water or oil to penetrate through the air vents. Entry of any liquids through the air vents may cause contact failure.


Numéro de pièce similaire - FMBN04BE

FabricantNo de pièceFiches techniqueDescription
logo
Fox Electronics
FMB FOX-FMB Datasheet
87Kb / 1P
   CERAMIC SEAM SEALED SMD CRYSTAL
logo
Sanken electric
FMB-2204 SANKEN-FMB-2204 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FMB-2206 SANKEN-FMB-2206 Datasheet
92Kb / 2P
   Schottky Barrier Diodes
FMB-22H SANKEN-FMB-22H Datasheet
44Kb / 2P
   Schottky Barrier Diodes 20V
FMB-22L SANKEN-FMB-22L Datasheet
44Kb / 2P
   Schottky Barrier Diodes 20V
More results

Description similaire - FMBN04BE

FabricantNo de pièceFiches techniqueDescription
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-LSF TONTEK-TTP229-LSF Datasheet
337Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-KSF TONTEK-TTP229-KSF Datasheet
336Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229 TONTEK-TTP229 Datasheet
370Kb / 19P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
logo
List of Unclassifed Man...
IQS316 ETC2-IQS316_15 Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
88974033 ETC2-88974033 Datasheet
130Kb / 5P
   Efficient and economical version, without display or keys setting
88974024 ETC2-88974024 Datasheet
137Kb / 5P
   Efficient and economical version, without display or keys setting
88974026 ETC2-88974026 Datasheet
137Kb / 5P
   Efficient and economical version, without display or keys setting
88974023 ETC2-88974023 Datasheet
137Kb / 5P
   Efficient and economical version, without display or keys setting
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com