Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

EL7412C Fiches technique(PDF) 1 Page - Elantec Semiconductor

No de pièce EL7412C
Description  High Speed, Four Channel Power MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELANTEC [Elantec Semiconductor]
Site Internet  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7412C Fiches technique(HTML) 1 Page - Elantec Semiconductor

  EL7412C Datasheet HTML 1Page - Elantec Semiconductor EL7412C Datasheet HTML 2Page - Elantec Semiconductor EL7412C Datasheet HTML 3Page - Elantec Semiconductor EL7412C Datasheet HTML 4Page - Elantec Semiconductor EL7412C Datasheet HTML 5Page - Elantec Semiconductor EL7412C Datasheet HTML 6Page - Elantec Semiconductor EL7412C Datasheet HTML 7Page - Elantec Semiconductor EL7412C Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EL7412C
High Speed Four Channel Power MOSFET Drivers
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1994 Elantec Inc
Features
 Excellent response times
 Matched rise and fall times
 Reduced clock skew
 Low output impedance
 Low input capacitance
 High noise immunity
 Improved clocking rate
 Low supply current
 Wide operating voltage range
Applications
 Full bridge drivers
 Clockline drivers
 CCD Drivers
 Ultra-sound transducer drivers
 Power MOSFET drivers
 Switch mode power supplies
 Class D switching amplifiers
 Ultrasonic and RF generators
 Pulsed circuits
Ordering Information
Part No
Temp Range
Pkg
Outline
EL7412CM b40 Cto a85 C
20 Lead
MDP0027
Thermal SOL
General Description
The EL7412C contains (4) high performance matched drivers
These very high speed drivers are capable of delivering peak
currents of 20 amps into highly capacitive loads and are ideally
suited for ‘‘Full bridge’’ and ultrasound applications The high
speed performance is achieved by means of a proprietary ‘‘Tur-
bo-Driver’’ circuit that speeds up input stages by tapping the
wider voltage swing at the output Improved speed and drive
capability are enhanced by matched rise and fall delay times
The matched delays maintain the integrity of input-to-output
pulse-widths to reduce timing errors and clock skew problems
This improved performance is accompanied by a 10 fold reduc-
tion in supply currents over bipolar drivers yet without the
delay time problems commonly associated with CMOS devices
Dynamic switching losses are minimized with non-overlapped
drive techniques
Connection Diagram
20 Lead Thermal SOL Package
7412 – 1
Note 1 Pins 4 – 7 and 14 – 17 are electrically connected
Manufactured under US Patent Nos 5334883
5331047


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
EL7412 High Speed Four Channel Power MOSFET Drivers 1  2  3  4  5  More Intersil Corporation
EL7202C High Speed Dual Channel Power MOSFET Drivers 1  2  3  4  5  More Elantec Semiconductor
EL7202 High Speed Dual Channel Power MOSFET Drivers 1  2  3  4  5  More Intersil Corporation
UCC27324 DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS 1  2  3  4  5  More Texas Instruments
H5N2305PF Silicon N Channel MOSFET High Speed Power Switching 1  2  3  4  5  More Renesas Technology Corp
EL7104 High Speed Single Channel Power MOSFET Driver 1  2  3  4  5  Intersil Corporation
2SK294 SILICON N CHANNEL MOSFET HIGH SPEED POWER SWITCHING 1  Hitachi Semiconductor
EL7242C Dual Input High Speed Dual Channel Power MOSFET Driver 1  2  3  4  5  More Elantec Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn