Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

EL6280C Fiches technique(PDF) 2 Page - Elantec Semiconductor

No de pièce EL6280C
Description  Dual Laser Driver with APC Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELANTEC [Elantec Semiconductor]
Site Internet  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL6280C Fiches technique(HTML) 2 Page - Elantec Semiconductor

  EL6280C Datasheet HTML 1Page - Elantec Semiconductor EL6280C Datasheet HTML 2Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
EL6280C - Product Brief
Dual Laser Driver with APC Amp
General Disclaimer
Specifications contained in this data sheet are in effect as of the publication date shown. Elantec, Inc. reserves the right to make changes in the cir-
cuitry or specifications contained herein at any time without notice. Elantec, Inc. assumes no responsibility for the use of any circuits described
herein and makes no representations that they are free from patent infringement.
WARNING - Life Support Policy
Elantec, Inc. products are not authorized for and should not be used
within Life Support Systems without the specific written consent of
Elantec, Inc. Life Support systems are equipment intended to sup-
port or sustain life and whose failure to perform when properly used
in accordance with instructions provided can be reasonably
expected to result in significant personal injury or death. Users con-
templating application of Elantec, Inc. Products in Life Support
Systems are requested to contact Elantec, Inc. factory headquarters
to establish suitable terms & conditions for these applications. Elan-
tec, Inc.’s warranty is limited to replacement of defective
components and does not cover injury to persons or property or
other consequential damages.
Printed in U.S.A.
Elantec Semiconductor, Inc.
675 Trade Zone Blvd.
Milpitas, CA 95035
Telephone: (408) 945-1323
(888) ELANTEC
Fax:
(408) 945-9305
European Office: +44-118-977-6020
Japan Technical Center: +81-45-682-5820


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
EL6240C Dual Laser Driver with APC Amp 1  2  Elantec Semiconductor
EL6241C Dual Laser Driver with APC Amp 1  2  Elantec Semiconductor
EL6281C 4-Channel Laser Driver with APC Amp 1  2  Elantec Semiconductor
LMH6525 Four-hannel Laser Diode Driver with Dual Output 1  2  3  4  5  More National Semiconductor (TI)
MAX3669 +3.3V 622Mbps SDH/SONET Laser Driver with Current Monitors and APC 1  2  3  4  5  More Maxim Integrated Products
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
MAX3869 +3.3V 2.5Gbps SDH/SONET Laser Driver with Current Monitors and APC 1  2  3  4  5  More Maxim Integrated Products
EL6270C Laser Driver with Ocillator and APC 1  2  Elantec Semiconductor
ADP3413 Dual Bootstrapped MOSFET Driver with Output Disable 1  2  3  4  5  More Analog Devices
CDC208 DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn