Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N010-0550-T603 Fiches technique(PDF) 2 Page - Fujitsu Component Limited.

No de pièce N010-0550-T603
Description  Resistive Touch Panel Specification FID-550 7-Wire Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

N010-0550-T603 Fiches technique(HTML) 2 Page - Fujitsu Component Limited.

  N010-0550-T603 Datasheet HTML 1Page - Fujitsu Component Limited. N010-0550-T603 Datasheet HTML 2Page - Fujitsu Component Limited. N010-0550-T603 Datasheet HTML 3Page - Fujitsu Component Limited. N010-0550-T603 Datasheet HTML 4Page - Fujitsu Component Limited. N010-0550-T603 Datasheet HTML 5Page - Fujitsu Component Limited. N010-0550-T603 Datasheet HTML 6Page - Fujitsu Component Limited. N010-0550-T603 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FID-550 SERIES
n
1.0 APPLICATION
This specification applies to the standard FID-550 series Touch Panel (Pen/Finger type).
n
2.0 ADDITIONAL APPLICATIONS
Complete specification document is available upon request for customers with whom we have an approved NDA
in place.
n
3.0 DISCRIPTION AND BLOCK DIAGRAM
This panel in combination with a control IC chip is used to transfer the co-ordinates of the touched position to
the host system (see block diagram above).
n
4.0 DRAWING (Please see the diagram above.)
Definitions of the major dimensions indicated on this diagram:
Effective Input Area (A)
Area guaranteed to meet all the
characteristics detailed in this specification
View / Transparent Area (B)
The area inside the adhesive zone
or electrode pattern.
Anti-input Area (C)
An insulating area allowed to protect
the touch panel from giving false
readings when an enclosure touches
the panel.
n
5.0 CHARACTERISTICS
n
5.1 MECHANICAL
Operating Force
0.05~0.49 N (5 ~ 50gF) Measured with
a Silicon Measurement Rod R 8
(Round type 8mm) Silicon Rubber
Hardness 60˚C
Hardness of Surface Pencil hardness 3H minimum against
specification JIS K-5400
n
5.2 OPTICAL
Transparency
78% min measured in the effective input area to JIS K 7105 using a
MURAKAMI SHIKISAI KENKYUSHO type IIR 100 meter. Typically 80%.
Haze
5% measured in the effective input area using a MURAKAMI
SHIKISAI KENKYUSHO type IIR 100 meter with an Anti Glare treated
surface.
A
B
C
n
DETAILED SPECIFICATION
Force
Silicon Rubber Rod
Unit: mm
(12.50)
123.75
(13.50)
17.20
215.10
213.10 (input area)
Bottom
Left
Top
Right
(8.00)
16.20
(3.50)
236.80
(24.30)
(11.50)
217.10 (transparent area)
243.80
46.20±2.0
3.50±1.0
15.20±1.0
24.30±1.0
48.80±1.0
n
DIMENSION EXAMPLE (10.4” SHOWN)


Numéro de pièce similaire - N010-0550-T603

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
N010-0550-T601 FUJITSU-N010-0550-T601 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T601 FUJITSU-N010-0550-T601 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T601 FUJITSU-N010-0550-T601 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
More results

Description similaire - N010-0550-T603

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0554-T902 FUJITSU-N010-0554-T902 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
logo
Crystalfontz America, I...
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
logo
List of Unclassifed Man...
SP-15LW03 ETC2-SP-15LW03 Datasheet
412Kb / 2P
   5-wire resistive touch sensor
logo
AZ Displays
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Rohm
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com