Moteur de recherche de fiches techniques de composants électroniques |
|
SS05M Fiches technique(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
SS05M Fiches technique(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
1 / 4 page SS05M Surface Mount Twin Standard Rectifiers Features ● 2 in 1,separate ● Ideal for automated placement ● Glass passivated chip junctions ● Low leakage current ● Applicable to for energy conservation electronic Ballasts fluorescent lamps Mechanical Date ● Case: JESD30E PSOJ-4 molded plastic body over glass passivated chip Major Ratings and Characteristics ● Terminals: Solder plated, solderable per J-STD-002 and JESD22-B102 ● Polarity: Polarity symbols marked on body ● Weight: 0.046g Maximum Ratings & Thermal Characteristics (TA = 25 °C unless otherwise noted) Note 1: Mounted on FR-4 P.C.B. With 0.1x0.1"(2.5x2.5 mm) copper pad areas Electrical Characteristics (TA = 25 °C unless otherwise noted) Note 2: Pulse test: 300 μs pulse width, 1 % duty cycle Note 3: Pulse test: Pulse width 40 ms 5 50 μA Reverse current IF=0.5A (2) ,T A=66℃ Instantaneous forward voltage IR - - Type VR=VDC (3) TA=25℃ TA=125℃ VF V A ℃/ W ℃/ W 101 - 0.98 1.10 Min UNIT V V V A Max UNIT Items Test conditions IFSM RθJA RθJL Thermal resistance from junction to ambient (1) Thermal resistance from junction to lead (1) Symbol 0.5 A 1000 V 20 A 1.1 V 150 °C –55 to +150 °C IF(AV) VRRM IFSM VF Tj max. TSTG Items SS05M Maximum repetitive peak reverse voltage 1000 Maximum RMS voltage 700 Symbol VRRM VRMS 13 Maximum DC blocking voltage 1000 Maximum average forward rectified current 0.5 Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load 20 VDC IF(AV) TRR copyright -A 2013-00-130110 - 1 - http://www.trr-jx.com 2014.06.26 技术中心 已审批 |
Numéro de pièce similaire - SS05M |
|
Description similaire - SS05M |