Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUS0B2 Fiches technique(PDF) 3 Page - EIC discrete Semiconductors

No de pièce STUS0B2
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STUS0B2 Fiches technique(HTML) 3 Page - EIC discrete Semiconductors

  STUS0B2 Datasheet HTML 1Page - EIC discrete Semiconductors STUS0B2 Datasheet HTML 2Page - EIC discrete Semiconductors STUS0B2 Datasheet HTML 3Page - EIC discrete Semiconductors STUS0B2 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at = 25 °C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Voltage
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Temperature
VBR (V)
It
VRWM
IR
IRSM
VRSM
Variation of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(mV /
°C)
STUS042
40.0
48.9
1.0
36.0
1.0
7.8
64.3
46.0
STUS542
40.0
44.2
1.0
36.0
1.0
8.6
58.1
41.0
STUS047
44.4
54.3
1.0
40.0
1.0
7.0
71.4
51.0
STUS547
44.4
49.1
1.0
40.0
1.0
7.8
64.5
46.0
STUS050
47.8
58.4
1.0
43.0
1.0
6.5
76.7
55.0
STUS550
47.8
52.8
1.0
43.0
1.0
7.2
69.4
50.0
STUS053
50.0
61.1
1.0
45.0
1.0
6.2
80.3
58.0
STUS553
50.0
55.3
1.0
45.0
1.0
6.9
72.7
52.0
STUS056
53.3
65.1
1.0
48.0
1.0
5.8
85.5
63.0
STUS556
53.3
58.9
1.0
48.0
1.0
6.5
77.4
56.0
STUS060
56.7
69.3
1.0
51.0
1.0
5.5
91.1
66.0
STUS560
56.7
62.7
1.0
51.0
1.0
6.1
82.4
61.0
STUS063
60.0
73.3
1.0
54.0
1.0
5.2
96.3
71.0
STUS563
60.0
66.3
1.0
54.0
1.0
5.7
87.1
65.0
STUS068
64.4
78.7
1.0
58.0
1.0
4.9
103
78.0
STUS568
64.4
71.2
1.0
58.0
1.0
5.3
93.6
70.0
STUS071
66.7
81.5
1.0
60.0
1.0
4.7
107
80.0
STUS571
66.7
73.7
1.0
60.0
1.0
5.2
96.8
71.0
STUS075
71.1
86.9
1.0
64.0
1.0
4.4
114
86.0
STUS575
71.1
78.6
1.0
64.0
1.0
4.9
103
76.0
STUS082
77.8
95.1
1.0
70.0
1.0
4.0
125
94.0
STUS582
77.8
86.0
1.0
70.0
1.0
4.4
113
85.0
STUS088
83.3
102
1.0
75.0
1.0
3.7
134
101
STUS588
83.3
92.1
1.0
75.0
1.0
4.1
121
91.0
STUS091
86.7
106
1.0
78.0
1.0
3.6
139
105
STUS591
86.7
95.8
1.0
78.0
1.0
4.0
126
95.0
STUS099
94.4
115
1.0
85.0
1.0
3.3
151
114
STUS599
94.4
104
1.0
85.0
1.0
3.6
137
103
STUS0B1
100
122
1.0
90.0
1.0
3.1
160
121
STUS5B1
100
111
1.0
90.0
1.0
3.4
146
110
STUS0B2
111
136
1.0
100
1.0
2.8
179
135
STUS5B2
111
123
1.0
100
1.0
3.1
162
123
STUS0B3
122
149
1.0
110
1.0
2.6
196
148
STUS5B3
122
135
1.0
110
1.0
2.8
177
133
STUS0B4
133
163
1.0
120
1.0
2.3
214
162
STUS5B4
133
147
1.0
120
1.0
2
193
146
STUS0B5
144
176
1.0
130
1.0
2.2
231
175
STUS5B5
144
159
1.0
130
1.0
2.4
209
158
STUS0B8
167
204
1.0
150
1.0
1.9
268
203
STUS5B8
167
185
1.0
150
1.0
2.1
243
184
STUS0B9
178
218
1.0
160
1.0
1.7
287
217
STUS5B9
178
197
1.0
160
1.0
1.9
259
196
STUS0D0
189
231
1.0
170
1.0
1.6
304
230
STUS5D0
189
209
1.0
170
1.0
1.8
275
208
Note:
( 1 ) VBR measured after It applied for 300
µs., It = square wave pulse or equivalent.
( 2 ) VF = 3.5 Vmax., IF = 35 Amps. ( 6.8 Volts thru 91 Volts )
VF = 5.0 Vmax., IF = 35 Amps. ( 150 Volts thru 200 Volts ) per 1/2square or equivalent sine wave.
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
( 3 ) "STU" or "STB" will be omitted in marking on the diode.


Numéro de pièce similaire - STUS0B2

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
STUS0B2 EIC-STUS0B2 Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - STUS0B2

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com