Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

EL2120C Datasheet(Fiches technique) 5 Page - Elantec Semiconductor

Numéro de pièce EL2120C
Description  100 MHz Current Feedback Amplifier
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ELANTEC [Elantec Semiconductor]
Site Internet  http://www.elantec.com
Logo 

EL2120C Datasheet(HTML) 5 Page - Elantec Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EL2120C
100 MHz Current Feedback Amplifier
Typical Performance Curves
Contd
Gain Flatness vs RF
Gain Flatness vs CINb
at VS g15V
and Peaking vs Temperature
b
3 dB Bandwidth 01 dB Bandwidth
at VS g5V
and Peaking vs Temperature
b
3 dB Bandwidth 01 dB Bandwidth
Peaking vs Supply Voltage
01 dB Bandwidth and
b
3 dB Bandwidth
Phase vs Frequency
Deviation From Linear
2120 – 7
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LM6181100 mA 100 MHz Current Feedback Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM6182Dual 100 mA Output 100 MHz Current Feedback Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
EL2160C-1130 MHz Current Feedback Amplifier 1 2 3 4 5 MoreElantec Semiconductor
AD8001800 MHz 50 mW Current Feedback Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8002Dual 600 MHz 50 mW Current Feedback Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8005270 MHz 400 uA Current Feedback Amplifier 1 2 3 4 5 MoreAnalog Devices
EL2360CTriple 130 MHz Current Feedback Amplifier 1 2 3 4 5 MoreElantec Semiconductor
EL2130C85 MHz Current Feedback Amplifier 1 2 3 4 5 MoreElantec Semiconductor
EL2030120 MHz Current Feedback Amplifier 1 2 3 4 5 MoreElantec Semiconductor
TSH350550 MHz Low Noise Current Feedback Amplifier 1 2 3 4 5 MoreSTMicroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn