Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS1C2P50 Fiches technique(PDF) 1 Page - Panasonic Battery Group

No de pièce LS1C2P50
Description  Digital Laser Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONICBATTERY [Panasonic Battery Group]
Site Internet  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

LS1C2P50 Fiches technique(HTML) 1 Page - Panasonic Battery Group

  LS1C2P50 Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LS-500 Series Amplifier
1
LS
Output
C2
Connection
Method
P
Nil 2 NPN
5
0
P
2 PNP
Nil Quick Connect
C2 2M Cable
LS-500 Series Heads
LS
Type
C5
Connection
Method
101 Thrubeam - Cylindrical
H
101
102 Thrubeam - Square
Nil 2M Cable
C2 5M Cable
201 Coaxial Reflective
201 Coaxial Retroreflective
Sensor Amplifiers
Sensor Heads
Digital Laser Sensor
New LS-500 Series
Panasonic
Laser Sensor with Compact Sensors Heads and an Available 4-20 mA Output!
Panasonic, a worldwide leader in Factory Automation Products, is pleased to introduce the
NEW LS-500 Series
digital laser sensors. The
LS-500 Series is a Class 1 laser sensor that saves production time and money with
speed and ease-of-use. It has a threshold tracking feature that allows the sensor to adjust its threshold to
compensate for tough environments such as those with dust and dirt. In addition to its effectiveness in dirty
settings, the
LS-500 Series boasts one of the industry’s fastest response times at 60 microseconds of detection
time. This high precision laser sensor is engineered to be integrated with other Panasonic products such as the
FX-500 Series fiber sensors, which minimizes wiring and diminishes cost. The LS-500 Series is in the top of its
class among laser sensors in the high function, high application market. This small unit has dual outputs that can
be independently configured for different threshold values. The device eliminates the need for a dedicated logic
controller by performing AND, OR, and XOR logic operations. The
LS-500 Series has a built-in memory that can
store up to eight sets of amplifier settings. This memory function reduces downtime when changing the setup in a
multi-model production environment. The
LS-500 Series laser sensor improves operations and production time
in any market.
• 4 Small-Sized Sensor Head Configurations
• Analog Output, 4 to 20 mA (LS-501-C2 only)
• Connection to CC-Link, and RS-485* (Using SC-GU3)
• 8 Data Banks with Logic Functions
• RoHS Compliant
• Precision Detection in a Small Footprint
• Can Be Used to Track Movement and Distance Gauging
• Can Be Integrated into Communication Networks
• Offers Multiple Application Recipes
• AND, OR, and XOR Logic Functionality Built-In
• Semiconductor
• Packaging
• Medical
• Wafer Detection and Mapping
• Label and Bottle Detection
• Pill and Tube Detection
Website: www.panasonic.com/industrial
industrial@us.panasonic.com
1-800-344-2112
Copyright © 2013 Panasonic Corporation of North America.
All Rights Reserved. Specifications are subject to change without notice.
LS-500 Series NPI, FY13-082-XXX
Features
Benefits
Industries
Applications
Part Number Information
RoHS
COMPLIANT
New Product Introduction
*EtherCAT and DeviceNet Support Coming Soon!


Numéro de pièce similaire - LS1C2P50

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LS1-PBL1-01 MARKTECH-LS1-PBL1-01 Datasheet
117Kb / 2P
   InGaN Blue Side SMD LED
LS1-THR1-01 MARKTECH-LS1-THR1-01 Datasheet
111Kb / 2P
   AlGalnP Red Side SMD LED
LS1-TRO1-01 MARKTECH-LS1-TRO1-01 Datasheet
130Kb / 2P
   AlGalnP Orange Side SMD LED
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LS1-TYL1-01 MARKTECH-LS1-TYL1-01 Datasheet
96Kb / 2P
   AlGalnP Amber Side SMD LED
More results

Description similaire - LS1C2P50

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
logo
Pepperl+Fuchs Inc.
OBR12M-R100-2EP-IO-V31-L PF-OBR12M-R100-2EP-IO-V31-L Datasheet
597Kb / 4P
   Laser retroreflective sensor
OBR12M-R100-EP-IO-V3-L PF-OBR12M-R100-EP-IO-V3-L Datasheet
610Kb / 4P
   Laser retroreflective sensor
OBR12M-R101-EP-IO-V3-L PF-OBR12M-R101-EP-IO-V3-L Datasheet
652Kb / 4P
   Laser retroreflective sensor
VLM350-F280-R4-1002 PF-VLM350-F280-R4-1002 Datasheet
1Mb / 5P
   Laser light sensor
OBR25M-R201-2EP-IO-V15-L PF-OBR25M-R201-2EP-IO-V15-L Datasheet
599Kb / 4P
   Laser retroreflective sensor
OBR1500-R3F-E2-L PF-OBR1500-R3F-E2-L Datasheet
505Kb / 3P
   Laser retroreflective sensor
OBR2000-R2-E0-L PF-OBR2000-R2-E0-L Datasheet
461Kb / 3P
   Laser retroreflective sensor
logo
Zhengzhou Winsen Electr...
ZH06 WINSEN-ZH06 Datasheet
339Kb / 8P
   Laser dust sensor
logo
Pixart Imaging Inc.
ADNS-9500 PIXART-ADNS-9500 Datasheet
1Mb / 40P
   Laser Gaming Sensor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com