Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWA9106-060V-2 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce FWA9106-060V-2
Description  Supports 4x PCI-E Gigabit LAN ports
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FWA9106-060V-2 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  FWA9106-060V-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
8-3
Network SecurityAppliance
Network SecurityAppliance
For user’s manual & datasheet download, visit www.ibase.com.tw
● Supports 4x PCI-E Gigabit LAN ports
● Hardware Enable/Disable LAN Bypass on Eth 0 & 1
● Supports Pentium® 4 LGA775 CPU of up to 3.8GHz
● 5x general programmable LEDs
● Restore software default settings function
● Optional 16x2 LCM for ease of control and operation
● Low noise, Smart Fan II, Advanced thermal airflow
design
High Performance Intel® LGA775 Network Appliance w/ 4 PCI-E and 2 PCI GbE Ports
FWA9106
FWA9106 Specifications
CPU
Intel® Pentium® 4 / LGA775, up to 3.8GHz
Chipset
Intel® 915GV / ICH6
Memory
4x 184-pin DDR DIMMs, up to 4GB DDR 333/400 (dual
channel) memory
Network
Interface supports 4 Marvell 8053 PCI-E GbE ports with
Hardware Bypass on Eth 0 & 1 and 2 Intel® 82541 PCI
GbE ports
Expansion Slot
2x PCI slots, 1x Mini-PCI socket
Storage
1x HDD drive bay for one 3.5” (IDE or SATA) or
two 2.5” hard disks
1x Type II CF socket
USB
2x USB 2.0 ports on front panel
Pin-headers on board for 2x USB ports
Serial I/O
1x DB-9 console connector on front panel;
Pin headers for 2x COM ports
VGA
Pin header on board
LCM
Optional 2x16 characters LCD module
LED
Power/HDD/Bypass indication LEDs and
5x general programmable LEDs
Power Supply
Full range 300W ATX with PFC PSU
Dimensions
44mm (H) x 430mm (W) x 393mm (D)
Environmental
Operating
Temperature
0 ~ 45°C
Storage
Temperature
-20 ~ 70°C
Operating Humidity
5 ~ 95%
Certification
CE/FCC
Ordering Information
FWA9106-060V-1
Intel® 915GV 1U 19” Rackmount Appliance,
LGA775 socket, 4x PCI-E GbE + 2x PCI GbE
ports, 2x PCI, 300W PSU, w/ LCM
FWA9106-060V-2
Intel® 915GV 1U 19” Rackmount Appliance,
Celeron-D 336 2.8GHz, 4x PCI-E GbE + 2x
PCI GbE ports, 2x PCI, 300W PSU, w/ LCM,
512MB memory, 256MB CF
FWA9106-060V-3
Intel® 915GV 1U 19” Rackmount Appliance,
Pentium® 4 651 3.4GHz, 4x PCI-E GbE + 2x
PCI GbE ports, 2x PCI, 300W PSU, w/ LCM,
1GB memory, 3.5” SATA 80GB HDD
VGA4
VGA cable
PS2G
PS/2 Keyboard and Mouse Cable
MB893-R
LGA775 915GV Networking motherboard with
4x PCI-E Gigabit and 2x PCI Gigabit LAN
Remarks:
* Specifications are subject to change without prior notice.


Numéro de pièce similaire - FWA9106-060V-2

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
FWA COOPER-FWA Datasheet
750Kb / 20P
   High Speed Fuses
FWA-1000A COOPER-FWA-1000A Datasheet
750Kb / 20P
   High Speed Fuses
FWA-1000AH COOPER-FWA-1000AH Datasheet
750Kb / 20P
   High Speed Fuses
FWA-100B COOPER-FWA-100B Datasheet
750Kb / 20P
   High Speed Fuses
logo
Advantech Co., Ltd.
FWA-1010VC ADVANTECH-FWA-1010VC Datasheet
766Kb / 2P
   Tabletop Network Appliance with Intel® Atom™ Processor C2000 for universal vCPE and SD-WAN
9-Sep-2020
More results

Description similaire - FWA9106-060V-2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FWA8206 ETC2-FWA8206 Datasheet
336Kb / 1P
   6x PCI-E Gigabit LAN ports, up to 8 ports
MI935 ETC2-MI935 Datasheet
1Mb / 1P
   10/100BaseT or PCI-E Gigabit LAN, optional 1x PCI-E Gigabit LAN
IB891 ETC2-IB891 Datasheet
914Kb / 1P
   Supports VGA and LVDS 2x Realtek 8111DL PCI-E Gigabit LAN
logo
Axiomtek Co., Ltd.
GOT5152T-834 AXIOMTEK-GOT5152T-834_16 Datasheet
693Kb / 2P
   Supports 2 Gigabit LAN, 4 USB & 3 COM ports
GOT5100T-834 AXIOMTEK-GOT5100T-834_16 Datasheet
491Kb / 2P
   Supports 2 Gigabit LAN, 4 USB & 2 COM ports
logo
AAEON Technology
PER-T514 AAEON-PER-T514 Datasheet
1,017Kb / 1P
   2 Ports Intel® 10GbE LAN PCI-E [x4] Frame Grabber Card
logo
Axiomtek Co., Ltd.
AX92801 AXIOMTEK-AX92801 Datasheet
122Kb / 1P
   Dual Gigabit ports with LAN bypass function
logo
List of Unclassifed Man...
CPCI-6965 ETC2-CPCI-6965 Datasheet
512Kb / 2P
   Two egress PCI-Express Gigabit Ethernet ports
logo
Coolgear Inc.
CGS-1PCIE4X COOLGEAR-CGS-1PCIE4X Datasheet
517Kb / 2P
   1 Port PCI-e to 4X PCI Slot Expansion Enclosure
logo
Axiomtek Co., Ltd.
PICO500 AXIOMTEK-PICO500 Datasheet
260Kb / 1P
   1 USB 2.0 and 1 Gigabit LAN ports
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com