Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE23300 Fiches technique(PDF) 1 Page - California Eastern Labs

No de pièce NE23300
Description  SUPER LOW NOISE HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NE23300 Fiches technique(HTML) 1 Page - California Eastern Labs

  NE23300 Datasheet HTML 1Page - California Eastern Labs NE23300 Datasheet HTML 2Page - California Eastern Labs NE23300 Datasheet HTML 3Page - California Eastern Labs NE23300 Datasheet HTML 4Page - California Eastern Labs NE23300 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SUPER LOW NOISE HJ FET
(SPACE QUALIFIED)
NE23300
PART NUMBER
NE23300
PACKAGE OUTLINE
00 (Chip)
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NFOPT1
Noise Figure, VDS = 2 V, ID = 10 mA,
f = 4 GHz
dB
0.35
f = 12 GHz
dB
0.75
1.0
GA1
Associated Gain, VDS = 2 V, ID = 10 mA,
f = 4 GHz
dB
15.0
f = 12 GHz
dB
10.0
10.5
P1dB
Output Power at 1 dB Gain Compression Point, f = 12 GHz
VDS = 2 V, IDS = 10 mA
dBm
11.2
VDS = 2 V, IDS = 20 mA
dBm
12.0
G1dB
Gain at P1dB, f = 12 GHz
VDS = 2 V, IDS = 10 mA
dB
11.8
VDS = 2 V, IDS = 20 mA
dB
12.8
IDSS
Saturated Drain Current, VDS = 2 V, VGS = 0 V
mA
15
40
80
VP
Pinch-off Voltage, VDS = 2 V, ID = 100
µA
V
-2.0
-0.8
-0.2
gm
Transconductance, VDS = 2 V, ID = 10 mA
mS
45
70
IGSO
Gate to Source Leakage Current, VGS = -5 V
µA
0.5
10
RTH(CH-C)2
Thermal Resistance (Channel to Case)
°C/W
260
Notes:
1. RF performance is determined by packaging and testing 10 samples per wafer. Wafer rejection criteria for standard devices is 2 rejects for
10 samples.
2. Chip mounted on infinite heat sink.
DESCRIPTION
The NE23300 is a Hetero-Junction FET chip that utilizes the
junction between Si-doped AlGaAs and undoped InGaAs to
create a two-dimensional electron gas layer with very high
electron mobility. Its excellent low noise figure and high asso-
ciated gain make it suitable for space applications.
NEC's stringent quality assurance and test procedures assure
the highest reliability and performance.
FEATURES
• VERY LOW NOISE FIGURE:
0.75 dB typical at 12 GHz
• HIGH ASSOCIATED GAIN:
10.5 dB Typical at 12 GHz
• GATE LENGTH: 0.3
µm
• GATE WIDTH: 280
µm
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Frequency, f (GHz)
NOISE FIGURE & ASSOCIATED
GAIN vs. FREQUENCY
VDS = 2 V, IDS = 10 mA
California Eastern Laboratories
GA
NF
4.5
3.0
2.5
2.0
4.0
3.5
1.5
1.0
0.5
0
1
10
40
6
8
10
12
14
16
18
20
22


Numéro de pièce similaire - NE23300

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results

Description similaire - NE23300

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com