Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G1000SMP300H Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce G1000SMP300H
Description  INDUSTRY STANDARDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

G1000SMP300H Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  G1000SMP300H Datasheet HTML 1Page - List of Unclassifed Manufacturers G1000SMP300H Datasheet HTML 2Page - List of Unclassifed Manufacturers G1000SMP300H Datasheet HTML 3Page - List of Unclassifed Manufacturers G1000SMP300H Datasheet HTML 4Page - List of Unclassifed Manufacturers G1000SMP300H Datasheet HTML 5Page - List of Unclassifed Manufacturers G1000SMP300H Datasheet HTML 6Page - List of Unclassifed Manufacturers G1000SMP300H Datasheet HTML 7Page - List of Unclassifed Manufacturers G1000SMP300H Datasheet HTML 8Page - List of Unclassifed Manufacturers G1000SMP300H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Spec-00539 F
Wall-Mount EnclosurEs FUSION G7™ aNd acceSSOrIeS
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild stEEl
3
(Body Opening)
B - 40 mm
1.57
B
Opening)
A - 40 mm
1.57
(Body
A
1.59
41 mm
are used)
A - 2J
(When 2
latches
J
2.08
53 mm
2.12
54 mm
(Door Clear Space)
B - 81 mm for Quarter-Turn Latching
3.18
B - 121 mm for 3-Point Latching
4.75
Space)
A - 41 mm
1.60
(Door
Clear
1.00
25 mm
Door Bonding Provision
.80
20 mm
C
.10
(4X)
3 mm
.75
19 mm
1.02
26 mm
Y
Y
M8 X 1.25-6G
Collar Stud
P
Q
S
1.00
25 mm
Body Grounding
Stud (2X)
1 or 2 per Enclosure
Qty 2 when B > 600mm
23.63
E
H
.75
19 mm
G
.75
19 mm
.50
13 mm
.89
21 mm
D
.51
13 mm
.51
13 mm
.89
23 mm
SECTION Y-Y
Omit
Middle
Studs if
A<762 mm
30.00
Omit
Middle
Studs if
B<788 mm
31.00
Panel
(With Panel Installed)
89000887


Numéro de pièce similaire - G1000SMP300H

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
G100001 E-SWITCH-G100001 Datasheet
38Kb / 1P
   All Dimension In MM
logo
List of Unclassifed Man...
G10000GW1 ETC-G10000GW1 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW2 ETC-G10000GW2 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW3 ETC-G10000GW3 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW4 ETC-G10000GW4 Datasheet
122Kb / 2P
   10 segment light bar
More results

Description similaire - G1000SMP300H

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
MF-SM300-2 BOURNS-MF-SM300-2 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
logo
Omron Electronics LLC
XG4A-5031 OMRON-XG4A-5031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4A-2032 OMRON-XG4A-2032 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00 Datasheet
774Kb / 6P
   Meet railway industry EN 50155 / EN 50121-3-2 and AREMA standards
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
IET Labs Inc.
SR102 IET-SR102 Datasheet
218Kb / 1P
   Transportable Resistance Standards
Nov 2017
logo
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
logo
STMicroelectronics
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
   Video signal standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com