Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RBV2500 Fiches technique(PDF) 1 Page - EIC discrete Semiconductors

No de pièce RBV2500
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RBV2500 Fiches technique(HTML) 1 Page - EIC discrete Semiconductors

  RBV2500 Datasheet HTML 1Page - EIC discrete Semiconductors RBV2500 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RBV2500 - RBV2510
SILICON BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 25 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* High case dielectric strength of 2000 V DC
* Ideal for printed circuit board
* Very good heat dissipation
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 7.7 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RBV
2500
RBV
2501
RBV
2502
RBV
2504
RBV
2506
RBV
2508
RBV
2510
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Current Tc = 55°C
IF(AV)
25
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
300
Amps.
Current Squared Time at t < 8.3 ms.
I
2
t
375
A
2S
Maximum Forward Voltage per Diode at IF = 12.5 Amps.
VF
1.1
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
200
µA
Typical Thermal Resistance (Note 1)
R
θJC
1.45
°C/W
Operating Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes :
1. Thermal resistance from junction to case with units mounted on a 5" x 6" x 4.9" (12.8cm.x 15.2cm.x 12.4cm.) Al.-Finned Plate
UPDATE : NOVEMBER 1,1998
RATING
RBV25
Dimensions in millimeters
C3
4.9 ± 0.2
3.9 ± 0.2
~
∅ 3.2 ± 0.1
~
0.7 ± 0.1
1.0 ± 0.1
2.0 ± 0.2
30 ± 0.3
7.5
±0.2
10
±0.2
+
7.5
±0.2


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
B40-C1000 SILICON BRIDGE RECTIFIERS 1  2  EIC discrete Semiconductors
RBV1500D SILICON BRIDGE RECTIFIERS 1  2  EIC discrete Semiconductors
DT6C00 6 AMP SILICON BRIDGE RECTIFIERS 1  DIOTEC Electronics Corporation
SB400L 4 AMP SILICON BRIDGE RECTIFIERS 1  2  DIOTEC Electronics Corporation
KBPC2500 SILICON BRIDGE RECTIFIERS 1  2  EIC discrete Semiconductors
2W005 SILICON BRIDGE RECTIFIERS 1  2  EIC discrete Semiconductors
BR1000 SILICON BRIDGE RECTIFIERS 1  2  EIC discrete Semiconductors
RBV2500D SILICON BRIDGE RECTIFIERS 1  2  EIC discrete Semiconductors
SB101 Single Phase 10 AMPS. Silicon Bridge Rectifiers 1  2  Taiwan Semiconductor Company, Ltd
CBR1-010 SILICON BRIDGE RECTIFIERS 1  Central Semiconductor Corp

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn