Moteur de recherche de fiches techniques de composants électroniques |
|
ISL32455E Fiches technique(PDF) 2 Page - Intersil Corporation |
|
ISL32455E Fiches technique(HTML) 2 Page - Intersil Corporation |
2 / 21 page ISL32450E, ISL32452E, ISL32453E, ISL32455E, ISL32457E 2 FN7921.0 February 20, 2012 TABLE 1. SUMMARY OF FEATURES PART NUMBER HALF/FULL DUPLEX DATA RATE (Mbps) SLEW-RATE LIMITED? EN PINS? HOT PLUG CABLE INVERT (INV) PIN? QUIESCENT ICC (mA) LOW POWER SHDN? PIN COUNT ISL32450E Full 0.25 Yes Yes No No 2.1 Yes 10, 14 ISL32452E Half 0.25 Yes Yes No No 2.1 Yes 8 ISL32453E Full 1 Yes Yes No No 2.1 Yes 10, 14 ISL32455E Half 1 Yes Yes No No 2.1 Yes 8 ISL32457E Half 0.25 Yes Tx Only No Yes 2.1 No 8 Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL32450EIBZ ISL32450 EIBZ -40 to +85 14 Ld SOIC M14.15 ISL32450EIUZ 2450E -40 to +85 10 Ld MSOP M10.118 ISL32452EIBZ 32452 EIBZ -40 to +85 8 Ld SOIC M8.15 ISL32452EIUZ 2452E -40 to +85 8 Ld MSOP M8.118 ISL32453EIBZ ISL32453 EIBZ -40 to +85 14 Ld SOIC M14.15 ISL32453EIUZ 2453E -40 to +85 10 Ld MSOP M10.118 ISL32455EIBZ 32455 EIBZ -40 to +85 8 Ld SOIC M8.15 ISL32455EIUZ 2455E -40 to +85 8 Ld MSOP M8.118 ISL32457EIBZ 32457 EIBZ -40 to +85 8 Ld SOIC M8.15 ISL32457EIUZ 2457E -40 to +85 8 Ld MSOP M8.118 NOTES: 1. Add “-T*” suffix for tape and reel. Please refer to Tech Brief TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information pages for ISL32450E , ISL32452E, ISL32453E, ISL32455E, ISL32457E. For more information on MSL please see Tech Brief TB363. |
Numéro de pièce similaire - ISL32455E |
|
Description similaire - ISL32455E |