Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL12020MIRZ Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL12020MIRZ
Description  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020MIRZ Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL12020MIRZ Datasheet HTML 2Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 3Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 4Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 5Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 6Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 7Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 8Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 9Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ISL12020M
6
FN6667.5
December 13, 2011
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT and IRQ/FOUT pins
(Respect to Ground) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on SCL and SDA pins
(Respect to Ground) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Voltage on X1 and X2 pins
(Respect to Ground, Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.5V
ESD Rating
Human Body Model
(Per MIL-STD-883 Method 3014) . . . . . . . . . . . . . . . . . . . . . . . . . . >3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300V
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA or 1.5 * VMAX Input
Shock Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . 5000g, 0.3ms, 1/2 sine
Vibration (Ultrasound cleaning not advised) . . . . . . . . . . . 20g/10-2000Hz,
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
20 Lead DFN (Notes 4, 5) . . . . . . . . . . . . . . 40
3.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile (Note 7). . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. The X1 and X2 pins are connected internally to a crystal and should be a floating electrical connection.
7. The ISL12020M Oscillator Initial Accuracy can change after solder reflow attachment. The amount of change will depend on the reflow temperature
and length of exposure. A general rule is to use only one reflow cycle and keep the temperature and time as short as possible. Changes on the order
of ±1ppm to ±3ppm can be expected with typical reflow profiles.
DC Operating Characteristics - RTC Test Conditions: VDD = +2.7 to +5.5V, TA= -40°C to +85°C,unlessotherwise stated. Boldface
limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
(Note 9)
MAX
(Note 8)
UNITS
NOTES
VDD
Main Power Supply
(Note 10)
2.7
5.5
V
VBAT
Battery Supply Voltage
(Note 10)
1.8
5.5
V11
IDD1
Supply Current. (I2Cnot active,
temperature conversion not active, FOUT
not active)
VDD = 5V
4.1
15
µA
12, 13
VDD = 3V
3.5
14
µA
12, 13
IDD2
Supply Current. (I2C Active, Temperature
Conversion not Active, FOUT not Active)
VDD = 5V
200
500
µA
12, 13
IDD3
Supply Current. (I2Cnot Active,
Temperature Conversion Active, FOUT not
Active)
VDD = 5V
120
400
µA
12, 13
IBAT
Battery Supply Current
VDD = 0V, VBAT = 3V, TA =+25°C
1.0
1.6
µA
12
VDD = 0V, VBAT = 3V
1.0
5.0
µA
12
IBATLKG
Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
100
nA
ILI
Input Leakage Current on SCL
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
ILO
I/O Leakage Current on SDA
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
VBATM
Battery Level Monitor Threshold
-100
+100
mV
VPBM
Brownout Level Monitor Threshold
-100
+100
mV
VTRIP
VBAT Mode Threshold
(Note 10)
2.0
2.2
2.4
V
VTRIPHYS VTRIP Hysteresis
30
mV
15
VBATHYS VBAT Hysteresis
50
mV
15
Fout25°C Oscillator Initial Accuracy
VDD = 3.3V, TA = +25°C
±2
ppm
7, 15
FoutT
Oscillator Stability vs Temperature
VDD = 3.3V
-5
+5
ppm
7, 15


Numéro de pièce similaire - ISL12020MIRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12020MIRZ INTERSIL-ISL12020MIRZ Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12020MIRZ RENESAS-ISL12020MIRZ Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-EVALZ RENESAS-ISL12020MIRZ-EVALZ Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12020MIRZ-T INTERSIL-ISL12020MIRZ-T Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Description similaire - ISL12020MIRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com