Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G1000600250G Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce G1000600250G
Description  INDUSTRY STANDARDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

G1000600250G Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button G1000600250G Datasheet HTML 3Page - List of Unclassifed Manufacturers G1000600250G Datasheet HTML 4Page - List of Unclassifed Manufacturers G1000600250G Datasheet HTML 5Page - List of Unclassifed Manufacturers G1000600250G Datasheet HTML 6Page - List of Unclassifed Manufacturers G1000600250G Datasheet HTML 7Page - List of Unclassifed Manufacturers G1000600250G Datasheet HTML 8Page - List of Unclassifed Manufacturers G1000600250G Datasheet HTML 9Page - List of Unclassifed Manufacturers G1000600250G Datasheet HTML 10Page - List of Unclassifed Manufacturers G1000600250G Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Spec-00539 F
Wall-Mount EnclosurEs FUSION G7™ aNd acceSSOrIeS
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild stEEl
7
HalF-HEiGHt Back panEl
Galvanized steel half-height back panels. See table for thickness.
M8 panel mounting nuts provided with 50-mm front-to-back side-mount
accessory rails and side-mount accessory rail brackets.
Bulletin: A4GY
Catalog Number
D x E (mm)
D x E (in.)
Thickness (mm)
Thickness (Gauge)
Fits A x B (mm)
Fits A x B (in.)
G300P300H
120 x 255
4.72 x 10.04
1.5
16
300 x 300
11.81 x 11.81
G300P400H
120 x 355
4.72 x 13.98
1.5
16
300 x 400
11.81 x 15.75
G400P300H
170 x 255
6.69 x 10.01
1.5
16
400 x 300
15.75 x 11.81
G400P400H
170 x 355
6.69 x 13.98
1.5
16
400 x 400
15.75 x 15.75
G400P600H
170 x 555
6.69 x 21.85
1.5
16
400 x 600
15.75 x 23.62
G500P400H
220 x 355
8.66 x 13.98
1.5
16
500 x 400
19.68 x 15.75
G500P500H
220 x 455
8.66 x 17.91
1.5
16
500 x 500
19.68 x 19.68
G600P400H
270 x 355
10.63 x 13.98
1.5
16
600 x 400
23.62 x 15.75
G600P500H
270 x 455
10.63 x 17.91
1.5
16
600 x 500
23.62 x 19.68
G600P600H
270 x 555
10.63 x 21.85
1.5
16
600 x 600
23.62 x 23.62
G600P800H
270 x 755
10.63 x 29.72
1.5
16
600 x 800
23.62 x 32.50
G700P500H
320 x 455
12.60 x 17.91
1.5
16
700 x 500
27.56 x 19.68
G800P600H
370 x 555
14.57 x 21.85
1.5
16
800 x 600
31.50 x 23.62
G800P800H
370 x 755
14.57 x 29.72
1.5
16
800 x 800
32.50 x 32.50
G1000P600H
470 x 555
18.50 x 21.85
1.5
16
1000 x 600
39.37 x 23.62
G1000P800H
470 x 755
18.50 x 29.72
2.0
14
1000 x 800
39.37 x 31.50
G1200P800H
570 x 755
22.44 x 29.72
2.0
14
1200 x 800
47.24 x 31.50
G1200P900H
570 x 855
22.44 x 33.66
2.0
14
1200 x 900
47.24 x 35.43
G1500P900H
720 x 855
28.35 x 33.66
2.0
14
1500 x 900
59.05 x 35.43


Numéro de pièce similaire - G1000600250G

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
G100001 E-SWITCH-G100001 Datasheet
38Kb / 1P
   All Dimension In MM
logo
List of Unclassifed Man...
G10000GW1 ETC-G10000GW1 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW2 ETC-G10000GW2 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW3 ETC-G10000GW3 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW4 ETC-G10000GW4 Datasheet
122Kb / 2P
   10 segment light bar
More results

Description similaire - G1000600250G

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
MF-SM300-2 BOURNS-MF-SM300-2 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
logo
Omron Electronics LLC
XG4A-5031 OMRON-XG4A-5031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4A-2032 OMRON-XG4A-2032 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00 Datasheet
774Kb / 6P
   Meet railway industry EN 50155 / EN 50121-3-2 and AREMA standards
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
IET Labs Inc.
SR102 IET-SR102 Datasheet
218Kb / 1P
   Transportable Resistance Standards
Nov 2017
logo
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
logo
STMicroelectronics
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
   Video signal standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com