Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC547CTA Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce BC547CTA
Description  NPN Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC547CTA Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  BC547CTA Datasheet HTML 1Page - Fairchild Semiconductor BC547CTA Datasheet HTML 2Page - Fairchild Semiconductor BC547CTA Datasheet HTML 3Page - Fairchild Semiconductor BC547CTA Datasheet HTML 4Page - Fairchild Semiconductor BC547CTA Datasheet HTML 5Page - Fairchild Semiconductor BC547CTA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC546 / BC547 / BC548 / BC549 / BC550 Rev. 1.1.0
3
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. Transfer Characteristic
Figure 3. DC Current Gain
Figure 4. Base-Emitter Saturation Voltage and
Collector-Emitter Saturation Voltage
Figure 5. Output Capacitance
Figure 6. Current Gain Bandwidth Product
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
I
B = 50μA
I
B = 100μA
I
B = 150μA
I
B = 200μA
I
B = 250μA
I
B = 300μA
I
B = 350μA
I
B = 400μA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
VCE = 5V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
1000
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
10
100
1000
10000
IC = 10 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
1
10
100
1000
0.1
1
10
100
f=1MHz
IE = 0
VCB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT


Numéro de pièce similaire - BC547CTA

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BC547CTA FAIRCHILD-BC547CTA Datasheet
151Kb / 6P
   Switching and Amplifier
More results

Description similaire - BC547CTA

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com