Moteur de recherche de fiches techniques de composants électroniques |
|
7-1415534-5 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
7-1415534-5 Fiches technique(HTML) 2 Page - Tyco Electronics |
2 / 2 page 04-2011, Rev. 0411 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 SCHRACK General Purpose Relays PCB Relays Power Relay 41063 125°C (Continued) Other Data Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Resistance to heat and fire WG version according EN60335-1, par.30 Ambient temperature -20 to +125°C Category of environmental protection IEC 61810 RTII - flux proof Terminal type PCB-THT, quick connect for load side Weight 24g Resistance to soldering heat THT IEC 60068-2-20, flux proof version 270°C/10s Packaging/unit tray/75 pcs., box/1050 pcs. PCB layout / terminal assignment Bottom view on solder pins Dimensions 1 form A (NO) contact 1 form B (NC) contact S0256-CA S0256-CB S0256-CC S0282-AB Product code Contact arrangement Contact material Coil Version Part number 0410 63 043 005WG 1 form A (NO) contact AgNi 48VDC IEC60335-1 compliant 6-1415536-5 0410 63 046 001 AgCdO 24VDC Standard 3-1415410-0 0410 63 046 002 1 form B (NC) contact 7-1415534-5 0410 63 050 001 1 form A (NO) contact 12VDC 3-1415410-4 0410 63 050 005WG AgNi IEC60335-1 compliant 9-1415535-3 0410 63 053 001 AgCdO 9VDC Standard 3-1415410-7 0410 63 054 001 6VDC 3-1415410-9 0410 63 054 006WG 1 form B (NC) contact AgNi IEC60335-1 compliant 7-1415536-6 This list represents the most common types and does not show all variants covered by this datasheet. Other types on request Product code structure Typical product code 041063 050 001 Type 41063 Power Relay 410 63 125°C Coil Coil code: please refer to coil versions table Version 001 1 form A contact (1 NO), AgCdO 002 1 form B contact (1 NC), AgCdO 005 1 form A contact (1 NO), AgNi 006 1 form B contact (1 NC), AgNi Version Blank Standard version WG Product in accordance with IEC 60335-1 (domestic appliances) Other types on request |
Numéro de pièce similaire - 7-1415534-5 |
|
Description similaire - 7-1415534-5 |