Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SS-10-15SP-LE Datasheet(Fiches technique) 5 Page - List of Unclassifed Manufacturers

Numéro de pièce SS-10-15SP-LE
Description  Compact-size DIP pin configuration
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SS-10-15SP-LE Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SS-10-15SP-LE Datenblatt HTML 1Page - List of Unclassifed Manufacturers SS-10-15SP-LE Datenblatt HTML 2Page - List of Unclassifed Manufacturers SS-10-15SP-LE Datenblatt HTML 3Page - List of Unclassifed Manufacturers SS-10-15SP-LE Datenblatt HTML 4Page - List of Unclassifed Manufacturers SS-10-15SP-LE Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-10-15SP-LE Datenblatt HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● S-2050
● S-2051
● S-2150
7
10
0.7 W
× 3.2 L × 1 D
Part No. & Production date code
4.5
±0.5
7.62
C
4
3
2
1
1
11.5
5.08
C
6
10
0.7 W
× 3.2 L × 1 D
Part No. & Production date code
3
2
1
2
3
4
5 – 0.5
±0.1
t = 0.2
2.54
2.54
2.54
36˚
18.1
5.08
C
12.6
10
0.7 W
× 1 D
Part No. & Production date code
3
2
1
2
3
4
5 – 0.5
±0.1
t = 0.2
2.54
2.54
2.54
36˚
Straight knurl M = 0.2
6.6
7
10
0.7 W
× 1 D
Part No. & Production date code
4.5
±0.5
1
Straight knurl
6.6
M = 0.2
7.62
C
4
3
2
1
● S-2151
SS-10/S-2050
ROTARY SELECTOR SWITCHES


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn