Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA32910Q Fiches technique(PDF) 10 Page - Dynex Semiconductor

No de pièce TA32910Q
Description  Asymmetric Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TA32910Q Fiches technique(HTML) 10 Page - Dynex Semiconductor

Back Button TA32910Q Datasheet HTML 2Page - Dynex Semiconductor TA32910Q Datasheet HTML 3Page - Dynex Semiconductor TA32910Q Datasheet HTML 4Page - Dynex Semiconductor TA32910Q Datasheet HTML 5Page - Dynex Semiconductor TA32910Q Datasheet HTML 6Page - Dynex Semiconductor TA32910Q Datasheet HTML 7Page - Dynex Semiconductor TA32910Q Datasheet HTML 8Page - Dynex Semiconductor TA32910Q Datasheet HTML 9Page - Dynex Semiconductor TA32910Q Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TA329..Q
10/10
CUSTOMER SERVICE CENTRES
France, Benelux, Italy and Spain Tel: +33 (0)1 69 18 90 00. Fax: +33 (0)1 64 46 54 50
North America Tel: 011-800-5554-5554. Fax: 011-800-5444-5444
UK, Germany, Scandinavia & Rest Of World Tel: +44 (0)1522 500500. Fax: +44 (0)1522 500020
SALES OFFICES
France, Benelux, Italy and Spain Tel: +33 (0)1 69 18 90 00. Fax: +33 (0)1 64 46 54 50
Germany Tel: 07351 827723
North America Tel: (613) 723-7035. Fax: (613) 723-1518. Toll Free: 1.888.33.DYNEX (39639) /
Tel: (831) 440-1988. Fax: (831) 440-1989 / Tel: (949) 733-3005. Fax: (949) 733-2986.
UK, Germany, Scandinavia & Rest Of World Tel: +44 (0)1522 500500. Fax: +44 (0)1522 500020
These offices are supported by Representatives and Distributors in many countries world-wide.
© Dynex Semiconductor 2000 Publication No. DS4680-3 Issue No. 3.0 January 2000
TECHNICAL DOCUMENTATION – NOT FOR RESALE. PRINTED IN UNITED KINGDOM
HEADQUARTERS OPERATIONS
DYNEX SEMICONDUCTOR LTD
Doddington Road, Lincoln.
Lincolnshire. LN6 3LF. United Kingdom.
Tel: 00-44-(0)1522-500500
Fax: 00-44-(0)1522-500550
DYNEX POWER INC.
Unit 7 - 58 Antares Drive,
Nepean, Ontario, Canada K2E 7W6.
Tel: 613.723.7035
Fax: 613.723.1518
Toll Free: 1.888.33.DYNEX (39639)
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as
a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company reserves
the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such
methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication
or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.
http://www.dynexsemi.com
e-mail: power_solutions@dynexsemi.com
Datasheet Annotations:
Dynex Semiconductor annotate datasheets in the top right hard corner of the front page, to indicate product status. The annotations are as follows:-
Target Information: This is the most tentative form of information and represents a very preliminary specification. No actual design work on the product has been started.
Preliminary Information: The product is in design and development. The datasheet represents the product as it is understood but details may change.
Advance Information: The product design is complete and final characterisation for volume production is well in hand.
No Annotation: The product parameters are fixed and the product is available to datasheet specification.
POWER ASSEMBLY CAPABILITY
The Power Assembly group was set up to provide a support service for those customers requiring more than the basic semiconduc-
tor, and has developed a flexible range of heatsink / clamping systems in line with advances in device types and the voltage and
current capability of our semiconductors.
We offer an extensive range of air and liquid cooled assemblies covering the full range of circuit designs in general use today. The
Assembly group continues to offer high quality engineering support dedicated to designing new units to satisfy the growing needs of
our customers.
Using the up to date CAD methods our team of design and applications engineers aim to provide the Power Assembly Complete
solution (PACs).
DEVICE CLAMPS
Disc devices require the correct clamping force to ensure their safe operation. The PACs range offers a varied selection of pre-
loaded clamps to suit all of our manufactured devices. This include cube clamps for single side cooling of ‘T’ 22mm
Clamps are available for single or double side cooling, with high insulation versions for high voltage assemblies.
Please refer to our application note on device clamping, AN4839
HEATSINKS
Power Assembly has it’s own proprietary range of extruded aluminium heatsinks. They have been designed to optimise the
performance or our semiconductors. Data with respect to air natural, forced air and liquid cooling (with flow rates) is available on
request.
For further information on device clamps, heatsinks and assemblies, please contact your nearest Sales Representative or the
factory.


Numéro de pièce similaire - TA32910Q

FabricantNo de pièceFiches techniqueDescription
logo
TiMOTION Technology Co....
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
   Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
logo
Transko Electronics, In...
TA320AP TRANSKO-TA320AP Datasheet
272Kb / 3P
   Wireless, RF SAW Filter
Revision 0: August 2011
TA320AP1 TRANSKO-TA320AP1 Datasheet
273Kb / 3P
   Wireless, RF SAW Filter
Revision 0: October 2007
logo
Beijing Yaohuadechang E...
TA3212W YHDC-TA3212W Datasheet
1Mb / 1P
   Through core type precision current transformer
logo
Toshiba Semiconductor
TA32305 TOSHIBA-TA32305 Datasheet
605Kb / 26P
   RF 1chip Receiver and Transmitter for low power wireless
More results

Description similaire - TA32910Q

FabricantNo de pièceFiches techniqueDescription
logo
Dynex Semiconductor
TA449W DYNEX-TA449W Datasheet
146Kb / 12P
   Asymmetric Thyristor
ACR44U DYNEX-ACR44U Datasheet
67Kb / 7P
   Fast Turn-off Asymmetric Thyristor
logo
ABB
5SHY42L6500 ABB-5SHY42L6500 Datasheet
766Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY35L4512 ABB-5SHY35L4512 Datasheet
431Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY42L6530 ABB-5SHY42L6530 Datasheet
767Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY35L4511 ABB-5SHY35L4511 Datasheet
433Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SGA06D4502 ABB-5SGA06D4502 Datasheet
391Kb / 5P
   Asymmetric Gate turn-off Thyristor
5SGA40L4501 ABB-5SGA40L4501 Datasheet
245Kb / 9P
   Asymmetric Gate turn-off Thyristor
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33 Datasheet
115Kb / 6P
   Fast Turn-on Asymmetric Thyristor
logo
ABB
5SGA15F2502 ABB-5SGA15F2502 Datasheet
314Kb / 9P
   Asymmetric Gate turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com