Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC2320 Fiches technique(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

No de pièce MC2320
Description  Open Carrier Double-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MC2320 Fiches technique(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MC2320 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MC2320 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MC2320 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Open Carrier Double-Balanced Mixer
For Microwave Telecommunications
Rev. V2
MC2320
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Operating Temperature
-54ºC to +85ºC
Storage Temperature
-65ºC to +100ºC
Peak Input Power
+23 dBm max @ +25ºC
+20 dBm max @ +85ºC
Peak Input Current
50 mA DC
Outline Drawing: Open Carrier
*MC2320
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise
specified.
Weight: 0.5 grams (0.018 oz.) max
*For the base model, only the IF1 port is connected.
For the “-2” model, only the IF2 port is connected.


Numéro de pièce similaire - MC2320

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MC2320 ETC1-MC2320 Datasheet
1Mb / 59P
   Technical Specifications for Brushless Servo Motion Control
logo
M/A-COM Technology Solu...
MC2320 MA-COM-MC2320 Datasheet
94Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2320-2 MA-COM-MC2320-2 Datasheet
94Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2320 MA-COM-MC2320_15 Datasheet
94Kb / 3P
   Open Carrier Double-Balanced Mixer
More results

Description similaire - MC2320

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MC2420 MA-COM-MC2420 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer Open Carrier Double-Balanced Mixer
MC2410 MA-COM-MC2410_15 Datasheet
95Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2710 MA-COM-MC2710_15 Datasheet
95Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2720 MA-COM-MC2720_15 Datasheet
98Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4507 MA-COM-MC4507_15 Datasheet
120Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2110 MA-COM-MC2110 Datasheet
92Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4120 MA-COM-MC4120 Datasheet
272Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4513 MA-COM-MC4513 Datasheet
121Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4510 MA-COM-MC4510 Datasheet
122Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2110 MA-COM-MC2110_15 Datasheet
92Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2707 MA-COM-MC2707_15 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com