Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAPA801 Fiches technique(PDF) 1 Page - Axiomtek Co., Ltd.

No de pièce CAPA801
Description  PCI Express Mini Card expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AXIOMTEK [Axiomtek Co., Ltd.]
Site Internet  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA801 Fiches technique(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA801_14 Datasheet HTML 1Page - Axiomtek Co., Ltd. CAPA801_14 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
110
* All specifications and photos are subject to change without notice.
axiomtek.com
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-
boards
Slot
CPU
Cards
Accessories
Appendix
© 2014 Axiomtek Co., Ltd. All rights reserved.
CAPA801
Intel
® Atom™ N455/ D425/ D525 3.5"
Embedded SBC with Intel
® ICH8M Chipset,
LVDS VGA, Dual LANs and Audio
Intel
® Atom™ processor N455 (1.66 GHz), D425/ D525
(1.8 GHz)
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
6 USB 2.0
4 COM ports
PCI Express Mini Card expansion
I/O
Ordering Information
MIO
3 x RS-232 (COM 2 ~ 4) ; with +5V/+12V powered
1 x RS-232/422/485 (COM 1) ; with +5V/+12V powered
SATA
2 x SATA-300
Hardware Monitoring
Detect system temperature, voltage and fan speed
Ethernet
1st port 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel
® 82567V
2nd port 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel
® 82583V
Audio
HD Codec audio as MIC-in/Line-in/Line-out/Speaker-out
with Realtek ALC662
USB
6 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels IN/OUT programmable
Standard
CAPA801VGGA-N455
(fanless)
(P/N: E38E801100)
3.5" SBC with Intel
® Atom™ processor N455, VGA/LVDS,
2 10/100/1000Mbps Ethernet, 4 COM, 6 USB and audio
CAPA801VGGA-D525
(heatsink fan included)
(P/N: E38E801102)
3.5" SBC with Intel
® Atom™ processor D525, VGA/LVDS,
2 10/100/1000Mbps Ethernet, 4 COM, 6 USB and audio
Optional/MOQ
CAPA801VGGA-D425
(heatsink fan included)
(P/N: E38E801101)
3.5" SBC with Intel
® Atom™ processor D425, VGA/LVDS,
2 10/100/1000Mbps Ethernet, 4 COM, 6 USB and audio
AX95601
(P/N: E395601100)
LVDS converter for scale up to 1920 x 1080 48bit
AX95601
(P/N: E395601101)
LVDS converter for pixel compensated to 1280 x 1024 48bit
Features
Rear view
Top view
DDR3
SO-DIMM
CF type-II
VGA
Ethernet 1
Ethernet 2
USB 2.0 3~6
COM 1
Audio
USB 2.0 1/2
COM 3/4
COM 2
SATA
PCI Express
Mini Card
LVDS
Fanless
Low Power
DDR3
DDR3
DDR3
Display
Chipset
Intel
® GMA 3150 graphics core
Memory Size
Intel
® DVMT 4.0 compliant
Display Interface
1 x VGA
1 x LVDS; 18-bit single channel
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
Packing List
System
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59380000300E
2 x COM w/ bracket P=1.27 x 2.54 L=300 mm
1
59384500100E
Audio cable w/ bracket P=2,450 mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket 180 mm
1
CPU
Intel
® Atom™ processor N455 1.66 GHz, D425 1.8 GHz
single core or D525 1.8 GHz dual core onboard
System Memory
1 x 204-pin SO-DIMM supports DDR3-667/800 max.
up to 4 GB (N455 supports DDR3-667 max. up to 2 GB.
D425/D525 supports DDR3-800 max. up to 4 GB)
Chipset
Intel
® ICH8M
BIOS
AMI
SSD
1 x CompactFlash™ type-II
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI Express Mini Card V1.2
Battery
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only AT Auto Power ON function supported
Power Requirements
*Intel
® Atom™ N455 @1.66 GHz, 1 GB DDR3
Max. RMS: +12V @ 851mA
*Intel
® Atom™ D425 @1.8 GHz, 1 GB DDR3
Max. RMS: +12V @ 1.077A
*Intel
® Atom™ D525 @1.8 GHz, 1 GB DDR3
Max. RMS: +12V @ 1.145A
Size
146 x 104 mm
Board Thickness
1.6 mm
Operating Temperature
Standard: 0° ~ +60°C (32°F ~ 140°F)
Optional: -20°C ~ +70°C (-4°F ~ +158°F)
Relative Humidity
10% ~ 95% relative humidity, non-condensing


Numéro de pièce similaire - CAPA801_14

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
CAPA801VGGA-D425 AXIOMTEK-CAPA801VGGA-D425 Datasheet
281Kb / 1P
   PCI Express Mini Card expansion
CAPA801VGGA-D525 AXIOMTEK-CAPA801VGGA-D525 Datasheet
281Kb / 1P
   PCI Express Mini Card expansion
CAPA801VGGA-N455 AXIOMTEK-CAPA801VGGA-N455 Datasheet
281Kb / 1P
   PCI Express Mini Card expansion
More results

Description similaire - CAPA801_14

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
CAPA801 AXIOMTEK-CAPA801 Datasheet
281Kb / 1P
   PCI Express Mini Card expansion
CAPA800 AXIOMTEK-CAPA800_14 Datasheet
463Kb / 2P
   PCI Express Mini Card expansion
logo
Advantech Co., Ltd.
UNOP-1000I ADVANTECH-UNOP-1000I Datasheet
351Kb / 1P
   PCI & Mini-PCI Expansion Card
30-Oct-2015
logo
Contec Co., Ltd
EAD-CE-LPE CONTEC-EAD-CE-LPE Datasheet
216Kb / 2P
   Cabled PCI Express PCI Express bus slot Expansion Adapter
ECH-PCI-CE-H4D CONTEC-ECH-PCI-CE-H4D Datasheet
223Kb / 2P
   Cabled PCI Express PCI Express bus slot Expansion Adapter
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
logo
List of Unclassifed Man...
LEC-2430 ETC2-LEC-2430 Datasheet
1Mb / 2P
   High-performance Box PC with Mini-PCIe, PCI or PCI Express Expansion
logo
Lanner All Rights Reser...
LEC-2430 LANNER-LEC-2430 Datasheet
1Mb / 2P
   High-performance Box PC with Mini-PCIe, PCI or PCI Express Expansion
logo
Axiomtek Co., Ltd.
MANO830 AXIOMTEK-MANO830_16 Datasheet
294Kb / 1P
   PCI Express Mini Card supported
MANO830 AXIOMTEK-MANO830 Datasheet
274Kb / 1P
   PCI Express Mini Card supported
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com