Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GP401DDS18 Fiches technique(PDF) 3 Page - Dynex Semiconductor

No de pièce GP401DDS18
Description  Low VCE(SAT) Dual Switch IGBT Module Preliminary Information
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP401DDS18 Fiches technique(HTML) 3 Page - Dynex Semiconductor

  GP401DDS18 Datasheet HTML 1Page - Dynex Semiconductor GP401DDS18 Datasheet HTML 2Page - Dynex Semiconductor GP401DDS18 Datasheet HTML 3Page - Dynex Semiconductor GP401DDS18 Datasheet HTML 4Page - Dynex Semiconductor GP401DDS18 Datasheet HTML 5Page - Dynex Semiconductor GP401DDS18 Datasheet HTML 6Page - Dynex Semiconductor GP401DDS18 Datasheet HTML 7Page - Dynex Semiconductor GP401DDS18 Datasheet HTML 8Page - Dynex Semiconductor GP401DDS18 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GP401DDS18
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
3/10
www.dynexsemi.com
Test Conditions
V
GE = 0V, VCE = VCES
V
GE = 0V, VCE = VCES, Tcase = 125˚C
V
GE = ±20V, VCE = 0V
I
C = 20mA, VGE = VCE
V
GE = 15V, IC = 400A
V
GE = 15V, IC = 400A, , Tcase = 125˚C
DC
t
p = 1ms
I
F = 400A
I
F = 400A, Tcase = 125˚C
V
CE = 25V, VGE = 0V, f = 1MHz
-
Parameter
Collector cut-off current
Gate leakage current
Gate threshold voltage
Collector-emitter saturation voltage
Diode forward current
Diode maximum forward current
Diode forward voltage
Input capacitance
Module inductance
ELECTRICAL CHARACTERISTICS
T
case = 25˚C unless stated otherwise.
Symbol
I
CES
I
GES
V
GE(TH)
V
CE(sat)
I
F
I
FM
V
F
C
ies
L
M
Units
mA
mA
µA
V
V
V
A
A
V
V
nF
nH
Max.
1
12
±2
6.5
3.2
4
400
800
2.5
2.6
-
-
Typ.
-
-
-
5.5
2.6
3.3
-
-
2.2
2.3
45
20
Min.
-
-
-
4.5
-
-
-
-
-
-
-
-


Numéro de pièce similaire - GP401DDS18

FabricantNo de pièceFiches techniqueDescription
logo
Dynex Semiconductor
GP401DDM18 DYNEX-GP401DDM18 Datasheet
95Kb / 7P
   Hi-Reliability Dual Switch Low VCE(SAT) IGBT Module Advance Information
More results

Description similaire - GP401DDS18

FabricantNo de pièceFiches techniqueDescription
logo
Dynex Semiconductor
GP801DDS18 DYNEX-GP801DDS18 Datasheet
143Kb / 10P
   Dual Switch Low VCE(SAT) IGBT Module
GP401DDM18 DYNEX-GP401DDM18 Datasheet
95Kb / 7P
   Hi-Reliability Dual Switch Low VCE(SAT) IGBT Module Advance Information
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
   Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
   Dual Switch IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
   Dual Switch IGBT Module Preliminary Information
GP1601FSS18 DYNEX-GP1601FSS18 Datasheet
124Kb / 9P
   Single Switch Low VCE(SAT) IGBT Module
DIM1200ESM33-A000 DYNEX-DIM1200ESM33-A000 Datasheet
194Kb / 10P
   Single Switch IGBT Module Preliminary Information
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000 Datasheet
144Kb / 10P
   Single Switch IGBT Module Preliminary Information
GP800NSS33 DYNEX-GP800NSS33 Datasheet
93Kb / 9P
   Single Switch IGBT Module Preliminary Information
DIM800NSM33-A000 DYNEX-DIM800NSM33-A000 Datasheet
174Kb / 10P
   Single Switch IGBT Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com