Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1W-SCB41 Fiches technique(PDF) 1 Page - Omron Electronics LLC

No de pièce CS1W-SCB41
Description  PRODUCT PERFORMANCE STANDARDS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-SCB41 Fiches technique(HTML) 1 Page - Omron Electronics LLC

  CS1W-SCB41 Datasheet HTML 1Page - Omron Electronics LLC CS1W-SCB41 Datasheet HTML 2Page - Omron Electronics LLC CS1W-SCB41 Datasheet HTML 3Page - Omron Electronics LLC CS1W-SCB41 Datasheet HTML 4Page - Omron Electronics LLC CS1W-SCB41 Datasheet HTML 5Page - Omron Electronics LLC CS1W-SCB41 Datasheet HTML 6Page - Omron Electronics LLC CS1W-SCB41 Datasheet HTML 7Page - Omron Electronics LLC CS1W-SCB41 Datasheet HTML 8Page - Omron Electronics LLC CS1W-SCB41 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
ORDERING GUIDE
PRODUCT PERFORMANCE
STANDARDS
OMRON devices that comply with EC Directives
also conform to the related EMC standards so
that they can be more easily built into other
devices or the overall machine. The actual
products have been checked for conformity to
EMC standards (see the following note). Whether
the products conform to the standards in the
system used by the customer, however, must be
confirmed by the customer.
EMC-related performance of the OMRON devices
that comply with EC Directives will vary
depending on the configuration, wiring, and other
conditions of the equipment or control panel on
which the OMRON devices are installed. The
customer must, therefore, perform the final
check to confirm that devices and the overall
machine conform to EMC standards.
Applicable EMC Standards
EMS (Electromagnetic Susceptibility): EN61131-2
EMI (Electromagnetic Interference): EN50081-2
(Radiated emission: 10-m regulations)
OMRON Power Supply Modules and I/O Modules
have been determined safe when operating at
voltages of 50 to 1,000 VAC and 75 to 1,500 VDC
according to the safety standards in EN61131-2.
Standards Description
U = UL, Underwriters Laboratories, Inc.
C = CSA, Canadian Standards Association
CE = CE, CE Marking
N = Nemko, Norges Elektriske Materiellkontroll
L = Lloyd’s Register of shipping
Special Note: For current consumption, refer to
Current Consumption Tables (the last 6 pages
of this ordering guide).
CPU Rack . . . . . . . . . . . . . . . . . . . . . . . . . . 147
Expansion Racks . . . . . . . . . . . . . . . . . . . . 148
C200H Basic I/O Modules . . . . . . . . . . . . . . 149
B7A Terminals
Link Master Adapters for High-density
I/O PLC Modules
C200H High-density I/O Modules . . . . . . . . 153
Connectors for C200H High-density I/O Modules
C200H Group-2 High-density
I/O Modules . . . . . . . . . . . . . . . . . . . . . . . . 154
Connectors for C200H Group-2
High-density I/O Modules
CS1 High-density I/O Modules . . . . . . . . . . 155
Connectors for CS1 High-density I/O Modules
High-density I/O Screw Terminal Blocks
and Cables . . . . . . . . . . . . . . . . . . . . . . . . . 156
Screw Terminal Block and Cables
High-density I/O Relay Blocks, Bases
and Dedicated Cables . . . . . . . . . . . . . . . . . 157
G7TC Relay Blocks
P7TF Block Bases and I/O Relays
Accessories
Relay Output Blocks
Relay Terminal Block Bases
Relays for use with G70A Bases
Dedicated Connecting Cable for Omron PLC Modules
C200H Special I/O Modules . . . . . . . . . . . . 160
CS1 Special I/O Modules . . . . . . . . . . . . . . 165
CS1/C200H Non-compatible Modules . . . . . 167
Modules not compatible with CS1 Controllers
or Systems
CS1 Communications and
Network Modules . . . . . . . . . . . . . . . . . . . . 168
Communications and Network Modules
Fiber-Optic Cables and Connectors for
Controller Link
DeviceNet Products . . . . . . . . . . . . . . . . . . 169
DeviceNet Multiple I/O Terminal Modules . 170
DeviceNet Communications Module
Digital I/O Modules
Relay Output Modules
Analog I/O Modules
Counter Module
CompoBus/S Slave Modules . . . . . . . . . . . . 171
Long Distance CompoBus/S
Slave Modules (NEW!) . . . . . . . . . . . . . . . . 172
Optional Products . . . . . . . . . . . . . . . . . . . . 173
Module Accessories
Mounting Rails and Accessories
Current Consumption Tables . . . . . . . . . . . . 174
CPU Racks and Expansion Racks
SYSMAC BUS Slave Racks
Example Calculations
5 VDC Voltage Group . . . . . . . . . . . . . . . . . . . . .176
Basic I/O Modules
High-density I/O Modules (Special I/O)
Special I/O Modules
CS1 CPU BUS Modules
26 VDC Modules . . . . . . . . . . . . . . . . . . . . . . . .181
Ordering Guide
System Overview
CPU Overview
Basic System Configuration
I/O Types and Allocations
Modules
Peripheral Hardware
and Software
Instruction Set
Reference Information


Numéro de pièce similaire - CS1W-SCB41

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
CS1W-SCB41 OMRON-CS1W-SCB41 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-SCB41-V1 OMRON-CS1W-SCB41-V1 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Description similaire - CS1W-SCB41

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
RC20GF621J ETC2-RC20GF621J Datasheet
189Kb / 2P
   Meets performance standards of EIA RS-172
logo
TT Electronics.
IBT TTELEC-IBT Datasheet
333Kb / 3P
   Meets performance standards of EIA RS-172
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
   International Standards at Lower Cost and Better Performance
logo
Bel Fuse Inc.
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
SI2156-B30 ETC2-SI2156-B30 Datasheet
60Kb / 2P
   Worldwide High-Performance TV Tuner IC for Analog and Digital Standards
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
IET Labs Inc.
SR102 IET-SR102 Datasheet
218Kb / 1P
   Transportable Resistance Standards
Nov 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com