Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GP1600FSS12 Fiches technique(PDF) 5 Page - Dynex Semiconductor

No de pièce GP1600FSS12
Description  Powerline N-Channel Single Switch IGBT Module Advance Information
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP1600FSS12 Fiches technique(HTML) 5 Page - Dynex Semiconductor

  GP1600FSS12 Datasheet HTML 1Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 2Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 3Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 4Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 5Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 6Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 7Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 8Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
GP1600FSS12
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
5/11
SWITCHING DEFINITIONS
t
1
t
2
t
3
t
4
10%
90%
10%
+15V
0V
V
ge
I
C
V
ce
-15V
t
5
t
6
t
7
I
C
V
ce
V
ge
90%
0V
-15V
+15V
90%
10%
Fig.3 Definition of turn-on switching times
Fig.4 Definition of turn-off switching times
E
on
=
V
ce
.I
c
dt
t
d(on)
= t
2
- t
1
t
r
= t
3
- t
2
t
4
+ 5
µs
t
1
E
off
=
V
ce
.I
c
dt
t
d(off)
= t
6
- t
5
t
f
= t
7
- t
6
t
7
+ 5
µs
t
5


Numéro de pièce similaire - GP1600FSS12

FabricantNo de pièceFiches techniqueDescription
logo
Dynex Semiconductor
GP1600FSS18 DYNEX-GP1600FSS18 Datasheet
127Kb / 9P
   Single Switch IGBT Module
More results

Description similaire - GP1600FSS12

FabricantNo de pièceFiches techniqueDescription
logo
Dynex Semiconductor
GP800FSS12 DYNEX-GP800FSS12 Datasheet
89Kb / 11P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP2400ESM12 DYNEX-GP2400ESM12 Datasheet
169Kb / 12P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP1600FSM12 DYNEX-GP1600FSM12 Datasheet
139Kb / 10P
   Single Switch IGBT Module Advance Information
GP401LSS18 DYNEX-GP401LSS18 Datasheet
109Kb / 11P
   Powerline N-Channel Single Switch Low Loss IGBT Module Preliminary Information
GP400DDM12 DYNEX-GP400DDM12 Datasheet
129Kb / 9P
   Dual Switch IGBT Module Advance Information
GP1200ESM33 DYNEX-GP1200ESM33 Datasheet
150Kb / 9P
   High Reliability Single Switch IGBT Module Advance Information
GP400DDS12 DYNEX-GP400DDS12 Datasheet
100Kb / 10P
   Powerline N-Channel Dual Switch IGBT Module
GP800DDS12 DYNEX-GP800DDS12 Datasheet
105Kb / 11P
   Powerline N-Channel Dual Switch IGBT Module
GP800DDM12 DYNEX-GP800DDM12 Datasheet
114Kb / 11P
   Hi-Reliability Dual Switch IGBT Module Advance Information
GP800DDM18 DYNEX-GP800DDM18 Datasheet
144Kb / 10P
   Hi-Reliability Dual Switch IGBT Module Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com