Moteur de recherche de fiches techniques de composants électroniques |
|
AD561JNZ Fiches technique(PDF) 1 Page - Analog Devices |
|
AD561JNZ Fiches technique(HTML) 1 Page - Analog Devices |
1 / 8 page REV. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a AD561 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 World Wide Web Site: http://www.analog.com Fax: 617/326-8703 © Analog Devices, Inc., 1997 Low Cost 10-Bit Monolithic D/A Converter FUNCTIONAL BLOCK DIAGRAM TO-116 PRODUCT DESCRIPTION The AD561 is an integrated circuit 10-bit digital-to-analog converter combined with a high stability voltage reference fabricated on a single monolithic chip. Using ten precision high- speed current-steering switches, a control amplifier, voltage reference, and laser-trimmed thin-film SiCr resistor network, the device produces a fast, accurate analog output current. Laser trimmed output application resistors are also included to facilitate accurate, stable current-to-voltage conversion; they are trimmed to 0.1% accuracy, thus eliminating external trimmers in many situations. Several important technologies combine to make the AD561 the most accurate and most stable 10-bit DAC available. The low temperature coefficient, high stability thin-film network is trimmed at the wafer level by a fine resolution laser system to 0.01% typical linearity. This results in an accuracy specification of ±1/4 LSB max for the K and T versions, and 1/2 LSB max for the J and S versions. The AD561 also incorporates a low noise, high stability subsurface zener diode to produce a reference voltage with excellent long term stability and temperature cycle characteris- tics, which challenge the best discrete Zener references. A temperature compensation circuit is laser-trimmed to allow custom correction of the temperature coefficient of each device. This results in a typical full-scale temperature coefficient of 15 ppm/ °C; the TC is tested and guaranteed to 30 ppm/°C max for the K and T versions, 60 ppm/ °C max for the S, and 80 ppm/ °C for the J. The AD561 is available in four performance grades. The AD561J and K are specified for use over the 0 °C to +70°C temperature range and are available in either a 16-pin FEATURES Complete Current Output Converter High Stability Buried Zener Reference Laser Trimmed to High Accuracy (1/4 LSB Max Error, AD561K, T) Trimmed Output Application Resistors for 0 V to +10 V, 5 V Ranges Fast Settling – 250 ns to 1/2 LSB Guaranteed Monotonicity Over Full Operating Temperature Range TTL/DTL and CMOS Compatible (Positive True Logic) Single Chip Monolithic Construction Available in Chip Form MlL-STD-883-Compliant Versions Available hermetically-sealed ceramic DIP or a 16-pin molded plastic DIP. The AD561S and T grades are specified for the –55 °C to +125 °C range and are available in the ceramic package. PRODUCT HIGHLIGHTS 1. Advanced monolithic processing and laser trimming at the wafer level have made the AD561 the most accurate 10-bit converter available, while keeping costs consistent with large volume integrated circuit production. The AD561K and T have 1/4 LSB max relative accuracy and 1/2 LSB max differential nonlinearity. The low TC R-2R ladder guaran- tees that all AD561 units will be monotonic over the entire operating temperature range. 2. Digital system interfacing is simplified by the use of a positive true straight binary code. The digital input voltage threshold is a function of the positive supply level; connect- ing VCC to the digital logic supply automatically sets the threshold to the proper level for the logic family being used. Logic sink current requirement is only 25 µA. 3. The high speed current steering switches are designed to settle in less than 250 ns for the worst case digital code transition. This allows construction of successive-approximation A/D converters in the 3 µs to 5 µs range. 4. The AD561 has an output voltage compliance range from –2 V to +10 V, allowing direct current-to-voltage conversion with just an output resistor, omitting the op amp. The 40 M Ω open collector output impedance results in negligible errors due to output leakage currents. 5. The AD561 is available in versions compliant with MIL- STD-883. Refer to the Analog Devices Military Products Databook or current AD561/883B data sheet for detailed specifications. |
Numéro de pièce similaire - AD561JNZ |
|
Description similaire - AD561JNZ |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |