Moteur de recherche de fiches techniques de composants électroniques |
|
SMAJ51A Fiches technique(PDF) 1 Page - Cystech Electonics Corp. |
|
SMAJ51A Fiches technique(HTML) 1 Page - Cystech Electonics Corp. |
1 / 9 page CYStech Electronics Corp. Spec. No. : C290SA Issued Date : 2010.01.19 Revised Date : 2013.05.07 Page No. : 1/9 SMAJ5.0 thru SMAJ440CA CYStek Product Specification Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V SMAJ5.0 thru SMAJ440CA Features Outline • Low profile package with built-in strain relief for surface mounted DO-214AC (SMA) applications • Plastic package has UL flammability classification 94V-0 • Ideal for ESD protection of data line in accordance with IEC1000-4-2 (IEC801-2) • Ideal for EFT protection of data line in accordance with IEC1000-4-4 (IEC801-4) • Very-fast response time • Optimized for LAN protection applications • Low incremental surge resistance, excellent clamping capability • Glass passivated junction • High temperature soldering guaranteed: 250°C/10seconds at terminals • 400W peak pulse power capability with a 10/1000μs waveform, repetition rate (duty cycle) : 0.01% (300W above 78V) Mechanical Data • Case : JEDEC DO-214AC(SMA) molded plastic body • Terminals: Pure tin plated, solderable per MIL-STD-750 method 2026 • Polarity: For uni-directional types, the band denotes the cathode, which is positive with respective to the anode under normal TVS operation • Mounting position : Any • Weight: 0.002 oz., 0.064 gram Devices for bidirectional applications For bi-directional devices, electrical characteristics apply in both directions. Maximum Ratings and Characteristics(TA=25 °C, unless otherwise noted) Parameter Symbol Value Unit Peak pulse power dissipation with a 10/1000μs waveform (Fig. 1) PPPM Minimum 400 (Note 1, 2) W Peak pulse current with a 10/1000μs waveform (Fig. 3) IPPM See next table (Note 1) A Peak forward surge current, 8.3ms single half sine wave uni-directional only (Note 2) IFSM 40 A Typical thermal resistance, junction-to-case RθJC 32 °C/W Typical thermal resistance, junction-to-ambient (Note 3) RθJA 120 °C/W Maximum instantaneous forward voltage at 25A for unidirectional only (Note 4) VF 3.5 / 5.0 V Operating junction and storage temperature range TJ;TSTG -55 ~ +150 °C Notes: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2. Rating is 300W above78V. 2.Mounted on 0.2”×0.2” (5mm×5mm) copper pads to each terminal. 3.Mounted on minimum recommended pad layout. 4.VF<3.5V for devices of VBR<200V and VF<5V for devices of VBR>201V. |
Numéro de pièce similaire - SMAJ51A |
|
Description similaire - SMAJ51A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |