Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL432A3-B-TB-G Fiches technique(PDF) 5 Page - Cystech Electonics Corp.

No de pièce TL432A3-B-TB-G
Description  Adjustable shunt regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL432A3-B-TB-G Fiches technique(HTML) 5 Page - Cystech Electonics Corp.

  TL432A3-B-TB-G Datasheet HTML 1Page - Cystech Electonics Corp. TL432A3-B-TB-G Datasheet HTML 2Page - Cystech Electonics Corp. TL432A3-B-TB-G Datasheet HTML 3Page - Cystech Electonics Corp. TL432A3-B-TB-G Datasheet HTML 4Page - Cystech Electonics Corp. TL432A3-B-TB-G Datasheet HTML 5Page - Cystech Electonics Corp. TL432A3-B-TB-G Datasheet HTML 6Page - Cystech Electonics Corp. TL432A3-B-TB-G Datasheet HTML 7Page - Cystech Electonics Corp. TL432A3-B-TB-G Datasheet HTML 8Page - Cystech Electonics Corp. TL432A3-B-TB-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C504A3
Issued Date : 2003.03.21
Revised Date : 2013.10.23
Page No. : 5/15
TL432A3/N3/M3/K3
CYStek Product Specification
Typical Characteristics
Cathode Current vs Cathode Voltage
-300
-200
-100
0
100
200
300
-1
-0.5
0
0.5
1
1.5
Cathode Voltage---Vz(V)
Vz=VREF
TA=25℃
Cathode Current vs Cathode Voltage
-150
-100
-50
0
50
100
150
-1.5
-1
-0.5
0
0.5
1
1.5
Cathode Voltage---Vz(V)
Vz=VREF
TA=25℃
Reference Voltage vs Junction Temperature
1.234
1.236
1.238
1.24
1.242
1.244
1.246
1.248
-50
0
50
100
150
Junction Temperature---TJ(℃)
IZ=60μA
Iz=10mA
Reference Input Current vs Junction Temperature
50
75
100
125
150
-50
-25
0
25
50
75
100
125
150
Junction Temperature---TJ(℃)
Iz=10mA
R1=10kΩ
R2=∞
Ratio of Delta Reference Voltage to Delta Cathode
Voltage vs Junction Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
Junction Temperature---TJ(℃)
Iz=10mA
ΔVz=16V to VREF
Off-State Cathode Current
vs Junction Temperature
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
150
Junction Temperature---TJ(℃)
VREF=0V
Vz=16V
Vz=6V


Numéro de pièce similaire - TL432A3-B-TB-G

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL432A TI-TL432A Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL432A TI-TL432A Datasheet
1Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL432A TI-TL432A Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL432A TI-TL432A Datasheet
1Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
HTC Korea TAEJIN Techno...
TL432A HTC-TL432A Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results

Description similaire - TL432A3-B-TB-G

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com