Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8519-C-IM Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce SI8519-C-IM
Description  Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SI8519-C-IM Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SI8519-C-IM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8519-C-IM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8519-C-IM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8519-C-IM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI8519-C-IM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI8519-C-IM Datasheet HTML 11Page - List of Unclassifed Manufacturers SI8519-C-IM Datasheet HTML 12Page - List of Unclassifed Manufacturers SI8519-C-IM Datasheet HTML 13Page - List of Unclassifed Manufacturers SI8519-C-IM Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Si85xx
10
Preliminary Rev. 0.4
FAULT output (Si8517/8/9): Goes low when
external reset timing is in error.
Ease-of-use: Other than conventional power and
grounding techniques, no special board layout
considerations are required. Built-in timing interface
circuits allow already-available system switching
signals to be used for reset with no external circuits
required.
2.1. Under Voltage Lockout (UVLO)
UVLO is provided to prevent erroneous operation during
device start-up and shutdown or when VDD is
significantly below the specified operating range. The
Si85xx is in UVLO state when VDD < VUVLO (Figure 4).
During UVLO, the output(s) are held at minimum value
regardless of the amount of current flowing from IIN to
IOUT, and signals on integrator reset inputs R1–R4 are
ignored. The Si85xx exits UVLO when VDD > (VUVLO +
VHYST).
2.2. Device Startup
Upon exit from UVLO, the Si85xx performs a voltage
offset and temperature self-calibration cycle. During this
time, output(s) are held at minimum value and reset
inputs (R1-R4) are ignored. The reset inputs are
enabled at the end of the self-calibration cycle, and an
integrator reset cycle is initiated on the first occurrence
of active signals on R1–R4. A current measurement is
initiated immediately after the completion of the
integrator
reset
cycle,
and
the
resulting
current
waveforms appear on the output pins. This "reset-
measure-reset" pattern repeats throughout steady-state
operation.
2.3. Integrator Reset and
Current Measurement
The Si85xx measures current flowing from the IIN to
IOUT terminals. Current is allowed to flow in the
opposite direction, but will not be measured (OUT1 and
OUT 2 remain at their minimum values during reverse
current flow. Reverse current flow will not damage the
Si85xx).
To achieve the specified accuracy, the integrator
capacitor must be discharged (reset) for time period tR
prior to the start of every measurement cycle. This
cycle-by-cycle reset is implemented by connecting
existing system gate control signals to the R1–R4 inputs
in a way that resets the integrator when no current is
flowing from IIN to IOUT. To achieve rated accuracy, the
reset cycle must be completed prior to the start of the
measurement cycle. For maximum flexibility, integrator
reset operation can be configured in one of two ways:
Option 1:
The
start
and
duration
of
reset
is
determined by the states of the timing
signals applied to R1–R4.
Option 2: The timing signals applied to R1–R4 trigger
the start of reset, and the duration of the
reset
is
determined
by
an
onboard
programmable reset timer.
Figure 4. Si85xx Startup and Control Timing
UNDER VOLTAGE
LOCKOUT STATE
MEASURE CURRENT
VDD
SUPPLY
INTEGRATOR
RESET
Si85xx
STATUS
Si85xx
OUTPUT
First Positive Edge
Following End of Self-Cal
START-UP
SELF-CAL CYCLE
tCAL
RESET
RESET
DON’T CARE
tR
VOUTMIN
OUT1, OUT2
VALID
tRP
tR
VUVLO + VHYST
tRP


Numéro de pièce similaire - SI8519-C-IM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI8519-B-GM SILABS-SI8519-B-GM Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
More results

Description similaire - SI8519-C-IM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI85XX SILABS-SI85XX Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com