Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB2B0 Fiches technique(PDF) 1 Page - Cystech Electonics Corp.

No de pièce SB2B0
Description  Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SB2B0 Fiches technique(HTML) 1 Page - Cystech Electonics Corp.

  SB2B0 Datasheet HTML 1Page - Cystech Electonics Corp. SB2B0 Datasheet HTML 2Page - Cystech Electonics Corp. SB2B0 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C777LG
Issued Date : 2011.08.16
Revised Date :
Page No. : 1/3
SB270 thru SB2B0
CYStek Product Specification
Schottky Barrier Rectifiers
Reverse Voltage 70V to 100V Forward Current 2.0 Amperes
SB270 thru SB2B0
Features
• Metal semiconductor junction with guard ring
• Epitaxial construction
• Low forward voltage drop
• High current capability
• The plastic material carries UL recognition 94V-0
• For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
Mechanical Characteristics:
•Case: JEDEC DO-204AC(DO-15) molded plastic
•Terminals: Tin plated axial leads, solderable per MIL-STD-750, method 2026
•Polarity: Color band denotes cathode
•Mounting position: Any
•Weight : 0.014oz., 0.39grams
Maximum Ratings and Electrical Characteristics
(Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For
capacitive load, derate current by 20%)
Type
Parameter
Symbol
SB270 SB280 SB290 SB2B0
Units
Maximum repetitive peak reverse voltage
VRRM
70
80
90
100
V
Maximum RMS voltage
VRMS
49
56
81
70
V
Maximum DC blocking voltage
VDC
70
80
90
100
V
TJ=25°C
0.79
Maximum forward voltage at 2A
TJ=100°C
VF
0.69
V
Maximum average forward rectified current @ TL=100°C
IF(AV)
2
A
Peak forward surge current @8.3ms single half sine wave
superimposed on rated load (JEDEC method)
IFSM
60
A
TJ=25°C
0.5
Maximum DC reverse current at
rated DC blocking voltage
TJ=100°C
IR
10
mA
Typical thermal resistance (Note 1)
RθJA
20
°C/W
Typical junction capacitance (Note 2)
CJ
50
pF
Operating junction temperature range
TJ
-55 ~ +125
°C
Storage temperature range
TSTG
-55 ~ +150
°C
Note: 1.Thermal resistance, junction to ambient.
2.Measured at1.0MHz and applied reverse voltage of 4.0VDC


Numéro de pièce similaire - SB2B0

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SB2B0 EIC-SB2B0 Datasheet
29Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
GOOD-ARK Electronics
SB2B0 GOOD-ARK-SB2B0 Datasheet
180Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SynSemi, Inc.
SB2B0 SYNSEMI-SB2B0 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Shanghai Shunye Electro...
SB2B0 SY-SB2B0 Datasheet
234Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SB2B0 EIC-SB2B0 Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

Description similaire - SB2B0

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com