Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF3711SPBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF3711SPBF
Description  High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF3711SPBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF3711SPBF Datasheet HTML 1Page - International Rectifier IRF3711SPBF Datasheet HTML 2Page - International Rectifier IRF3711SPBF Datasheet HTML 3Page - International Rectifier IRF3711SPBF Datasheet HTML 4Page - International Rectifier IRF3711SPBF Datasheet HTML 5Page - International Rectifier IRF3711SPBF Datasheet HTML 6Page - International Rectifier IRF3711SPBF Datasheet HTML 7Page - International Rectifier IRF3711SPBF Datasheet HTML 8Page - International Rectifier IRF3711SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
IRF3711/S/LPbF
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
––– 0.88
1.3
V
TJ = 25°C, IS = 30A, VGS = 0V
ƒ
––– 0.82 –––
TJ = 125°C, IS = 30A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
50
75
ns
TJ = 25°C, IF = 16A, VR=10V
Qrr
Reverse Recovery Charge
–––
61
92
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
48
72
ns
TJ = 125°C, IF = 16A, VR=10V
Qrr
Reverse Recovery Charge
–––
65
98
nC
di/dt = 100A/µs
ƒ
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
460
mJ
IAR
Avalanche Current

–––
30
A
Avalanche Characteristics
S
D
G
Diode Characteristics
110
†
440
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
53
–––
–––
S
VDS = 16V, ID = 30A
Qg
Total Gate Charge
–––
29
44
ID = 15A
Qgs
Gate-to-Source Charge
–––
7.3
–––
nC
VDS = 10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
8.9
–––
VGS = 4.5V
Qoss
Output Gate Charge
–––
33
–––
VGS = 0V, VDS = 10V
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 10V
tr
Rise Time
–––
220
–––
ID = 30A
td(off)
Turn-Off Delay Time
–––
17
–––
RG = 1.8Ω
tf
Fall Time
–––
12
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
––– 2980 –––
VGS = 0V
Coss
Output Capacitance
––– 1770 –––
pF
VDS = 10V
Crss
Reverse Transfer Capacitance
–––
280
–––
ƒ = 1.0MHz
VSD
Diode Forward Voltage
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.022 –––
V/°C Reference to 25°C, ID = 1mA
–––
4.7
6.0
VGS = 10V, ID = 15A
ƒ
–––
6.2
8.5
VGS = 4.5V, ID = 12A
ƒ
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 16V, VGS = 0V
–––
–––
100
VDS = 16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -16V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m


Numéro de pièce similaire - IRF3711SPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3711SPBF IRF-IRF3711SPBF Datasheet
291Kb / 12P
   HEXFET Power MOSFET
More results

Description similaire - IRF3711SPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFR3704TRLPBF IRF-IRFR3704TRLPBF Datasheet
226Kb / 10P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706STRL IRF-IRF3706STRL Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com