Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KA-380 Datasheet(Fiches technique) 1 Page - UN Semiconducctor INC

Numéro de pièce KA-380
Description  Radial Lead Transient Voltage Suppressors (TVS)
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  UNSEMI [UN Semiconducctor INC]
Site Internet  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

KA-380 Datasheet(HTML) 1 Page - UN Semiconducctor INC

  KA-380 Datasheet HTML 1Page - UN Semiconducctor INC KA-380 Datenblatt HTML 2Page - UN Semiconducctor INC KA-380 Datenblatt HTML 3Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Radial Lead Transient Voltage Suppressors (TVS)
Revision October 18, 2013
1 / 3
@ UN Semiconductor Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
KA Series
3KA
UN Semiconductor Co., Ltd.
www.unsemi.com.tw
The KA Series of high current transient suppressors have been specially
designed for use in A.C. line protection and any demanding applications
(AC or DC). Any voltage rise due to increased current conduction is
contained to a minimum, providing the best possible protection level. They
can also be connected in series and/or parallel to create very high capacity
protection solutions.
Bi-directional
u
Axial lead terminals
u
High current transient suppressor
u
Excellent Clamping Capability
u
Glass Passivated Junction
u
Bi-directional
u
Low Slope Resistance
u
Repetition Rate (duty cycle):0.01%
u
Hazardous Substances Free
u
RoHS Compliant
u
High Temperature soldering: 260
°C/10 seconds at terminals
u
Epoxy Encapsulated
u
Silver plated leads
u
Solderable per MIL-STD-202 Method 208
Parameter
Symbol
Value
Unit
Operating junction
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Current Rating
1
IPP
3
KA
Notes:
1. Rated IPP measured with 8
× 20μs pulse.
Reverse Stand-Off
Voltage
Breakdown
Voltage
Test
Current
Current
Rating
Maximum
Clamping
Voltage
Reverse
Leakage
Part Number
VAC(V)
VDC(V)
VBR(V)
MIN.@IT
IT
(mA)
IPP
8/20
μs (KA)
VC(V)
@IPP
IR(μA)
@VDC
KA-058
40
58
64
10
3
110
20
KA-076
54
76
85
10
3
140
20
KA-380
275
380
401
10
3
520
20
KA-430
310
430
440
10
3
625
20
Maximum Ratings
(TA=25℃ unless otherwise noted)
Description
Features
Functional Diagram
Bi-directional
Electrical Characteristics
(TA=25℃ unless otherwise noted)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn