Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF3805SLPBF Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce IRF3805SLPBF
Description  Advanced Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF3805SLPBF Fiches technique(HTML) 3 Page - Vishay Siliconix

  IRF3805SLPBF Datasheet HTML 1Page - Vishay Siliconix IRF3805SLPBF Datasheet HTML 2Page - Vishay Siliconix IRF3805SLPBF Datasheet HTML 3Page - Vishay Siliconix IRF3805SLPBF Datasheet HTML 4Page - Vishay Siliconix IRF3805SLPBF Datasheet HTML 5Page - Vishay Siliconix IRF3805SLPBF Datasheet HTML 6Page - Vishay Siliconix IRF3805SLPBF Datasheet HTML 7Page - Vishay Siliconix IRF3805SLPBF Datasheet HTML 8Page - Vishay Siliconix IRF3805SLPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRF3805/S/LPbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
Vs. Drain Current
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 25°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
4.0
5.0
6.0
7.0
8.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
1000.0
VDS = 20V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
0
20 40
60 80 100 120 140 160 180
ID, Drain-to-Source Current (A)
0
40
80
120
160
200
TJ = 25°C
TJ = 175°C
VDS = 10V
380µs PULSE WIDTH


Numéro de pièce similaire - IRF3805SLPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3805S IRF-IRF3805S Datasheet
361Kb / 12P
   AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRF3805S ISC-IRF3805S Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF3805S-7P IRF-IRF3805S-7P Datasheet
638Kb / 10P
   AUTOMOTIVE MOSFET
IRF3805S-7PPBF IRF-IRF3805S-7PPBF Datasheet
303Kb / 12P
   HEXFET짰 Power MOSFET
IRF3805S-7PPBF IRF-IRF3805S-7PPBF_15 Datasheet
346Kb / 11P
   Advanced Process Technology
More results

Description similaire - IRF3805SLPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com