Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF6645 Fiches technique(PDF) 8 Page - International Rectifier

No de pièce IRF6645
Description  120 W x 2 Channel Class D Audio Power Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF6645 Fiches technique(HTML) 8 Page - International Rectifier

Back Button IRF6645 Datasheet HTML 4Page - International Rectifier IRF6645 Datasheet HTML 5Page - International Rectifier IRF6645 Datasheet HTML 6Page - International Rectifier IRF6645 Datasheet HTML 7Page - International Rectifier IRF6645 Datasheet HTML 8Page - International Rectifier IRF6645 Datasheet HTML 9Page - International Rectifier IRF6645 Datasheet HTML 10Page - International Rectifier IRF6645 Datasheet HTML 11Page - International Rectifier IRF6645 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
www.irf.com
7
RD-0617
Performance” section, only limited data for the stand-alone Class D power stage is
given. For example, results for THD+N vs. Output Power are provided, utilizing a range
of different inductors. By changing the inductor and repeating this test, a designer can
quickly evaluate a particular inductor.
Figure 4. Results of THD+N vs. Output Power with Different Output Inductors
Self-Oscillating PWM Modulator
The IRAUDAMP4 Class D audio power amplifier features a self-oscillating type PWM
modulator for the lowest component count and robust design. This topology represents
an analog version of a second-order sigma-delta modulation having a Class D switching
stage inside the loop. The benefit of the sigma-delta modulation, in comparison to the
carrier-signal based modulation, is that all the error in the audible frequency range is
shifted to the inaudible upper-frequency range by nature of its operation. Also, sigma-
delta modulation allows a designer to apply a sufficient amount of correction.
The self-oscillating frequency is determined by the total delay time inside the control loop
of the system. The delay of the logic circuits, the IRS20955 gate-driver propagation
delay, the IRF6645 switching speed, the time-constant of front-end integrator (e.g. R25 +
R29P, C11 and C13 for CH1) and variations in the supply voltages are critical factors of
the self-oscillating frequency. Under nominal conditions, the switching-frequency is
around 400 kHz with no audio input signal and a +/-35 V supply.
Adjustments of Self-Oscillating Frequency
The PWM switching frequency in this type of self-oscillating switching scheme greatly
impacts the audio performance, both in absolute frequency and frequency relative to the
other channels. In absolute terms, at higher frequencies, distortion due to switching-time
becomes significant, while at lower frequencies, the bandwidth of the amplifier suffers. In
relative terms, interference between channels is most significant if the relative frequency
difference is within the audible range. Normally when adjusting the self-oscillating
frequency of the different channels, it is best to either match the frequencies accurately,
0.0001
100
0.001
0.01
0.1
1
10
%
100m
200m
500m
1
2
5
10
20
50
100
200
W
TT
TTTTTTT


Numéro de pièce similaire - IRF6645

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6645 IRF-IRF6645 Datasheet
245Kb / 9P
   DirectFET Power MOSFET Typical calues (unless otherwise specified)
logo
Vishay Siliconix
IRF6645 VISHAY-IRF6645 Datasheet
176Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
International Rectifier
IRF66451PBF IRF-IRF66451PBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
IRF6645PBF IRF-IRF6645PBF Datasheet
226Kb / 9P
   DirectFETPower MOSFET 
IRF6645PBF IRF-IRF6645PBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
More results

Description similaire - IRF6645

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
International Rectifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Texas Instruments
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com