Moteur de recherche de fiches techniques de composants électroniques |
|
SMAJ54A Fiches technique(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SMAJ54A Fiches technique(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
2 / 4 page ELECTRICAL CHARACTERISTICS (TA=25 OC unless otherwise noted) Maximum Maximum Maximum Device Working Peak Breakdown Voltage Test Clamping Peak Pulse Reverse Device Marking Reverse V(BR) (Volts) Current Voltage at IPPM Surge Current Leakage Code Voltage at IT IT VC(Volts) IPPM at VWM VWM(Volts) Min. Max. (mA) (Note 5) (Note 5)(Amps) ID (uA) SMAJ5.0 AD 5.0 6.40 7.30 10 9.6 41.7 800 SMAJ5.0A AE 5.0 6.40 7.00 10 9.2 43.5 800 SMAJ6.0 AF 6.0 6.67 8.15 10 11.4 35.1 800 SMAJ6.0A AG 6.0 6.67 7.37 10 10.3 38.8 800 SMAJ6.5 AH 6.5 7.22 8.82 10 12.3 32.5 500 SMAJ6.5A AK 6.5 7.22 7.98 10 11.2 35.7 500 SMAJ7.0 AL 7.0 7.78 9.51 10 13.3 30.1 200 SMAJ7.0A AM 7.0 7.78 8.60 10 12.0 33.3 200 SMAJ7.5 AN 7.5 8.33 10.3 1.0 14.3 28.0 100 SMAJ7.5A AP 7.5 8.33 9.21 1.0 12.9 31.0 100 SMAJ8.0 AQ 8.0 8.89 10.9 1.0 15.0 26.7 50.0 SMAJ8.0A AR 8.0 8.89 9.83 1.0 13.6 29.4 50.0 SMAJ8.5 AS 8.5 9.44 11.5 1.0 15.9 25.2 10.0 SMAJ8.5A AT 8.5 9.44 10.4 1.0 14.4 27.8 10.0 SMAJ9.0 AU 9.0 10.0 12.2 1.0 16.9 23.7 5.0 SMAJ9.0A AV 9.0 10.0 11.1 1.0 15.4 26.0 5.0 SMAJ10 AW 10 11.1 13.6 1.0 18.8 21.3 5.0 SMAJ10A AX 10 11.1 12.3 1.0 17.0 23.5 5.0 SMAJ11 AY 11 12.2 14.9 1.0 20.1 19.9 5.0 SMAJ11A AZ 11 12.2 13.5 1.0 18.2 22.0 5.0 SMAJ12 BD 12 13.3 16.3 1.0 22.0 18.2 5.0 SMAJ12A BE 12 13.3 14.7 1.0 19.9 20.1 5.0 SMAJ13 BF 13 14.4 17.6 1.0 23.8 16.8 5.0 SMAJ13A BG 13 14.4 15.9 1.0 21.5 18.6 5.0 SMAJ14 BH 14 15.6 19.1 1.0 25.8 15.5 5.0 SMAJ14A BK 14 15.6 17.2 1.0 23.2 17.2 5.0 SMAJ15 BL 15 16.7 20.4 1.0 26.9 14.9 5.0 SMAJ15A BM 15 16.7 18.5 1.0 24.4 16.4 5.0 SMAJ16 BN 16 17.8 21.8 1.0 28.8 13.9 5.0 SMAJ16A BP 16 17.8 19.7 1.0 26.0 15.4 5.0 SMAJ17 BQ 17 18.9 23.1 1.0 30.5 13.1 5.0 SMAJ17A BR 17 18.9 20.9 1.0 27.6 14.5 5.0 SMAJ18 BS 18 20.0 24.4 1.0 32.2 12.4 5.0 SMAJ18A BT 18 20.0 22.1 1.0 29.2 13.7 5.0 SMAJ20 BU 20 22.2 27.1 1.0 35.8 11.2 5.0 SMAJ20A BV 20 22.2 24.5 1.0 32.4 12.3 5.0 SMAJ22 BW 22 24.4 29.8 1.0 39.4 10.2 5.0 SMAJ22A BX 22 24.4 26.9 1.0 35.5 11.3 5.0 SMAJ24 BY 24 26.7 32.6 1.0 43.0 9.3 5.0 SMAJ24A BZ 24 26.7 29.5 1.0 38.9 10.3 5.0 SMAJ26 CD 26 28.9 35.3 1.0 46.6 8.6 5.0 SMAJ26A CE 26 28.9 31.9 1.0 42.1 9.5 5.0 SMAJ28 CF 28 31.1 38.0 1.0 50.0 8.0 5.0 SMAJ28A CG 28 31.1 34.4 1.0 45.4 8.8 5.0 SMAJ30 CH 30 33.3 40.7 1.0 53.5 7.5 5.0 SMAJ30A CK 30 33.3 36.8 1.0 48.4 8.3 5.0 SMAJ33 CL 33 36.7 44.9 1.0 59.0 6.8 5.0 SMAJ33A CM 33 36.7 40.6 1.0 53.3 7.5 5.0 SMAJ36 CN 36 40.0 48.9 1.0 64.3 6.2 5.0 SMAJ36A CP 36 40.0 44.2 1.0 58.1 6.9 5.0 SMAJ40 CQ 40 44.4 54.3 1.0 71.4 5.6 5.0 SMAJ40A CR 40 44.4 49.1 1.0 64.5 6.2 5.0 SMAJ43 CS 43 47.8 58.4 1.0 76.7 5.2 5.0 SMAJ43A CT 43 47.8 52.8 1.0 69.4 5.8 5.0 SMAJ SERIES 600Watts Surface Mount Transient Voltage Suppressor http://www.luguang.cn mail:lge@luguang.cn |
Numéro de pièce similaire - SMAJ54A |
|
Description similaire - SMAJ54A |