Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC1316 Datasheet(Fiches technique) 1 Page - Savantic, Inc.

Numéro de pièce 2SC1316
Description  Silicon NPN Power Transistors
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAVANTIC [Savantic, Inc.]
Site Internet  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC1316 Datasheet(HTML) 1 Page - Savantic, Inc.

  2SC1316 Datasheet HTML 1Page - Savantic, Inc. 2SC1316 Datenblatt HTML 2Page - Savantic, Inc. 2SC1316 Datenblatt HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1316
DESCRIPTION
·With TO-66 package
·High breakdown voltage
APPLICATIONS
·Suitable for switching power supplies
in TV sets
PINNING
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
750
V
VCEO
Collector-emitter voltage
Open base
750
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
2
A
PC
Collector power dissipation
TC=25
23
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Fig.1 simplified outline (TO-66) and symbol


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn