Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC1295 Datasheet(Fiches technique) 2 Page - Savantic, Inc.

Numéro de pièce 2SC1295
Description  Silicon NPN Power Transistors
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAVANTIC [Savantic, Inc.]
Site Internet  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC1295 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC1295 Datenblatt HTML 1Page - Savantic, Inc. 2SC1295 Datasheet HTML 2Page - Savantic, Inc. 2SC1295 Datenblatt HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC1295
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA; IB=0
350
V
V(BR)EBO
Emitter-base breakdown votage
IE=1mA; IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=2 A;IB=1A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=2 A;IB=1A
1.5
V
ICBO
Collector cut-off current
VCB=1000V;IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=5V;IC=0
0.1
mA
hFE
DC current gain
IC=1.5A ; VCE=5V
3
13


Html Pages

1  2  3