Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC1156 Fiches technique(PDF) 2 Page - Savantic, Inc.

No de pièce 2SC1156
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAVANTIC [Savantic, Inc.]
Site Internet  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC1156 Fiches technique(HTML) 2 Page - Savantic, Inc.

  2SC1156 Datasheet HTML 1Page - Savantic, Inc. 2SC1156 Datasheet HTML 2Page - Savantic, Inc. 2SC1156 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC1156
CHARACTERISTICS
Tj=25? unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=300mA IB=30m A
1.2
V
VBEsat
Base-emitter saturation voltage
IC=300mA IB=30m A
1.5
V
V(BR)CBO
Collector-base breakdown voltage
IC=100µA;IE=0
90
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=1mA; IB=0
80
V
V(BR)EBO
Emitter-base breakdown voltage
IE=100µA; IC=0
5
V
ICBO
Collector cut-off current
VCB=90V; IE=0
1.0
µA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
µA
hFE
DC current gain
IC=300mA ; VCE=4V
20
300
fT
Transition frequency
IE=100mA ; VCB=10V
70
MHz


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn