Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB070N11J3 Fiches technique(PDF) 1 Page - Cystech Electonics Corp.

No de pièce MTB070N11J3
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB070N11J3 Fiches technique(HTML) 1 Page - Cystech Electonics Corp.

  MTB070N11J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB070N11J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB070N11J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB070N11J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB070N11J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB070N11J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB070N11J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB070N11J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB070N11J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C932J3
Issued Date : 2013.10.30
Revised Date : 2013.12.30
Page No. : 1/ 9
MTB070N11J3
CYStek Product Specification
N-Channel Enhancement Mode Power MOSFET
MTB070N11J3 BVDSS
110V
ID
15A
RDS(ON)@VGS=10V, ID=15A
82 mΩ(typ)
RDS(ON)@VGS=4.5V, ID=10A
81 mΩ(typ)
Features
• Low on resistance
• Simple drive requirement
• Low gate charge
• Fast switching characteristic
• Pb-free plead plating and halogen-free package
Symbol
Outline
TO-252(DPAK)
MTB070N11J3
G
D S
G:Gate D:Drain S:Source
Ordering Information
Device
Package
Shipping
TO-252
MTB070N11J3-0-T3-G
(Pb-free lead plating and halogen-free package)
2500 pcs / Tape & Reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Numéro de pièce similaire - MTB070N11J3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB070P15J3 CYSTEKEC-MTB070P15J3 Datasheet
419Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB070P15J3-0-T3-G CYSTEKEC-MTB070P15J3-0-T3-G Datasheet
419Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Description similaire - MTB070N11J3

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com