Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB09P03J3 Fiches technique(PDF) 3 Page - Cystech Electonics Corp.

No de pièce MTB09P03J3
Description  P-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09P03J3 Fiches technique(HTML) 3 Page - Cystech Electonics Corp.

  MTB09P03J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C808J3
Issued Date : 2010.01.18
Revised Date : 2013.12.26
Page No. : 3/9
MTB09P03J3
CYStek Product Specification
Ciss
-
4400
-
Coss
-
486
-
Crss
-
405
-
pF
VGS=0V, VDS=-15V, f=1MHz
Rg
-
3
-
Ω
VGS=15mV, VDS=0, f=1MHz
Source-Drain Diode
IS *1
-
-
-75
ISM *3
-
-
-160
A
VSD *1
-
-
-1.2
V
IF=-24A, VGS=0V
trr
-
47
-
ns
Qrr
-
43
-
nC
IF=IS, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.
Recommended soldering footprint


Numéro de pièce similaire - MTB09P03J3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB09P03E3 CYSTEKEC-MTB09P03E3 Datasheet
386Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB09P03E3-0-UB-X CYSTEKEC-MTB09P03E3-0-UB-X Datasheet
386Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
More results

Description similaire - MTB09P03J3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTP4835L3 CYSTEKEC-MTP4835L3 Datasheet
342Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB60P06E3 CYSTEKEC-MTB60P06E3 Datasheet
268Kb / 7P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTP9006E3 CYSTEKEC-MTP9006E3 Datasheet
257Kb / 6P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB7D0P03J3 CYSTEKEC-MTB7D0P03J3 Datasheet
464Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB25P06FP CYSTEKEC-MTB25P06FP Datasheet
346Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB12P04J3 CYSTEKEC-MTB12P04J3 Datasheet
343Kb / 7P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTEF1P15L3 CYSTEKEC-MTEF1P15L3 Datasheet
290Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB90P06Q8 CYSTEKEC-MTB90P06Q8 Datasheet
344Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTP4060J3 CYSTEKEC-MTP4060J3 Datasheet
326Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB25P06J3 CYSTEKEC-MTB25P06J3 Datasheet
290Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB45P03Q8 CYSTEKEC-MTB45P03Q8 Datasheet
364Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com