Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB06N03V8 Fiches technique(PDF) 6 Page - Cystech Electonics Corp.

No de pièce MTB06N03V8
Description  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB06N03V8 Fiches technique(HTML) 6 Page - Cystech Electonics Corp.

  MTB06N03V8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB06N03V8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB06N03V8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB06N03V8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB06N03V8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB06N03V8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB06N03V8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB06N03V8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB06N03V8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C441V8
Issued Date : 2010.10.05
Revised Date : 2013.10.30
Page No. : 6/9
MTB06N03V8
CYStek Product Specification
Typical Characteristics(Cont.)
Typical Transfer Characteristics
0
10
20
30
40
50
60
70
80
90
100
02
468
10
VGS, Gate-Source Voltage(V)
VDS=10V
Single Pulse Maximum Power Dissipation
0
50
100
150
200
250
300
0.0001 0.001
0.01
0.1
1
10
100
1000
Pulse Width(s)
TJ(MAX)=150°C
TA=25°C
θJA=50°C/W
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=50 °C/W


Numéro de pièce similaire - MTB06N03V8

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB06N03E3 CYSTEKEC-MTB06N03E3 Datasheet
288Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB06N03H8 CYSTEKEC-MTB06N03H8 Datasheet
266Kb / 6P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB06N03I3 CYSTEKEC-MTB06N03I3 Datasheet
271Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB06N03J3 CYSTEKEC-MTB06N03J3 Datasheet
304Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB06N03Q8 CYSTEKEC-MTB06N03Q8 Datasheet
259Kb / 6P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Description similaire - MTB06N03V8

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com