Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N46-000E Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce 4N46-000E
Description  High Gain Darlington Output Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

4N46-000E Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  4N46-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Description
The 4N45/46 optocouplers contain a GaAsP light
emitting diode optically coupled to a high gain
photodetector IC.
The excellent performance over temperature results
from the inclusion of an integrated emitter-base
bypass resistor which shunts photodiode and first
stage leakage currents as well as bleeding off excess
base drive to ground. External access to the second
stage base provides the capability for better noise
rejection than a conventional photodarlington
detector. An external resistor or capacitor at the
base can be added to make a gain-bandwidth or input
current threshold adjustment. The base lead can also
be used for feedback.
The high current transfer ratio at very low input
currents permits circuit designs in which adequate
margin can be allowed for the effects of optical
coupling variations.
The 4N46 has a 350% minimum CTR at an input
current of only 0.5 mA making it ideal for use in low
input current applications such as MOS, CMOS and
low power logic interfacing. Compatibility with high
voltage CMOS logic systems is assured by the 20 V
minimum breakdown voltage of the output transistor
and by the guaranteed maximum output leakage
(IOH) at 18 V.
The 4N45 has a 250% minimum CTR at 1.0 mA input
current and a 7 V minimum breakdown voltage
rating.
Selection for lower input current down to 250
µA is
available upon request.
Features
• High current transfer ratio – 1500% typical
• Low input current requirement – 0.5 mA
• Performance guaranteed over 0
°C to 70°C temperature
range
• Internal base-emitter resistor minimizes output
leakage
• Gain-bandwidth adjustment pin
• Safety approval
UL Recognized -3750 V rms for 1 minute
CSA Approved IEC/EN/DIN EN 60747-5-2
Applications
• Telephone ring detector
• Digital logic ground isolation
• Low input current line receiver
• Line voltage status indicator–low input power
dissipation
• Logic to read relay interface
• Level shifting
• Interface between logic families
4N45/4N46
High Gain Darlington Output Optocouplers
Data Sheet
* JEDEC Registered Data
** JEDEC Registered up to
70
°C.
Functional Diagram
TRUTH TABLE
(POSITIVE LOGIC)
LED
OUTPUT
ON
L
OFF
H
5
1
2
3
4
6
ANODE
CATHODE
VB
GND
VO


Numéro de pièce similaire - 4N46-000E

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
4N46 HP-4N46 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
4N46300 HP-4N46300 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
4N46500 HP-4N46500 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
More results

Description similaire - 4N46-000E

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
4N45 HP-4N45 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com