Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IZPR3P422 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce IZPR3P422
Description  Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IZPR3P422 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IZPR3P422 Datasheet HTML 5Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 6Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 7Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 8Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 9Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 10Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 11Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 12Page - List of Unclassifed Manufacturers IZPR3P422 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
IZ series
Rear mounted sealed pushbutton switches - bushing Ø 16 - latching action
Distinctive features and specifications
12
APEM
www.apem.com
Preliminary
K
K
Rear mounting for easier installation
K
K
Latching action models
K
K
Illuminated or non-illuminated
K
K
Flat actuator for optional marking
K
K
Sealed to IP67
ENVIRONMENTAL AND GENERAL SPECIFICATIONS
• Degree of protection : IP67
• Temperature range : -40°C to +85°C
• Total travel : 2,5 mm (.098)
• Mechanical life : 200.000 cycles
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
100mA 24VDC - 200.000 cycles
• Initial contact resistance : 100 mΩ max.
• Insulation resistance : 1 GΩ min. at 500VDC
• Dielectric strength : 1.500 Vrms between terminals
MATERIALS
• Case : thermoplastic UL94-V0
• Plunger : polyamide
• Bushing/bezel : polyamide
• Contacts : silver, gold plated
• Multi-wire lead AWG20,
section 0,6 mm2
• LED wire : AWG26,
section 0,12 mm2
• Lens : polycarbonate
• Terminal seal : epoxy
LED COMPONENT SPECIFICATIONS
LED colour
Forward current
Super red (L0S)
20mA
20mA
20mA
20mA
Typ. forward voltage Max. forward voltage
1,95V
2V
3,2V
3,2V
Yellow (L0Y)
Green (L0G)
Blue (L0B)
1,95V
2,05V
3,70V
4V
A resistor must be series-connected by the user.
Resistor value = supply voltage - LED forward voltage
LED forward current
On flying lead versions, the LED resistor can be integrated by APEM on request.


Description similaire - IZPR3P422

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
   Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
   Sealed pushbutton switches - bushing 12 mm - momentary
IPR1SAD6 ETC2-IPR1SAD6 Datasheet
357Kb / 7P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
logo
E-SWITCH
700C E-SWITCH-700C Datasheet
503Kb / 3P
   PUSHBUTTON SWITCHES - LATCHING
logo
List of Unclassifed Man...
IPC3SAD2 ETC2-IPC3SAD2 Datasheet
350Kb / 6P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
   Illuminated Latching Pushbutton Switches
logo
List of Unclassifed Man...
ICC3SCD1100 ETC2-ICC3SCD1100 Datasheet
205Kb / 4P
   Pushbutton switches for harsh environments - short case - bushing 횠 12 mm - momentary
ZL38S0102 ETC1-ZL38S0102 Datasheet
156Kb / 2P
   Tiny toggle switches - metal bushing
logo
C&K Components
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com