Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX84C43 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce BZX84C43
Description  350mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C43 Fiches technique(HTML) 2 Page - Diodes Incorporated

  BZX84C43 Datasheet HTML 1Page - Diodes Incorporated BZX84C43 Datasheet HTML 2Page - Diodes Incorporated BZX84C43 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30370 Rev. 1 - 2
2 of 3
BZX84C43 - BZX84C51
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
2. Short duration test pulse used to minimize self-heating effect.
3. f = 1KHz.
Type
Number
Marking
Code
Zener Voltage
Range
(Note 2)
Maximum Zener
Impedance
(Note 3)
Maximum Reverse
Current
(Note 2)
Typical Temperature
Coefficient
@IZT
mV/
°C
VZ @ IZT
IZT
ZZT @
IZT
ZZK @IZK
IR
VR
Min
Max
Nom (V) Min (V) Max (V)
(mA)
(
W)(W)
(mA)
(
mA)
(V)
BZX84C43
Y15/KYF
43
40.0
46.0
2.0
150
375
0.5
0.1
30.1
10.0
12.0
BZX84C47
Y16/KYG
47
44.0
50.0
2.0
170
375
0.5
0.1
32.9
10.0
12.0
BZX84C51
Y17/KYH
51
48.0
54.0
2.0
180
400
0.5
0.1
35.7
10.0
12.0
400
T , Ambient Temperature, (°C)
A
Fig. 1 Power Derating Curve
See Note 1
200
100
300
0
500
0
100
200
0
2
4
6
8
10
10
20
30
40
50
60
70
80
90 100
V , ZENER VOLTAGE (V)
Z
Fig. 2 Zener Breakdown Characteristics
Tj = 25°C
Test Current I
Z
2mA
C43
C47
C51
1
10
100
100
10
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 3 Total Capacitance vs Nominal Zener Voltage
T = 25°C
j
f = 1MHz
V= 1V
R
V= 2V
R


Numéro de pièce similaire - BZX84C43

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BZX84C43 DIODES-BZX84C43 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
BZX84C43 VISHAY-BZX84C43 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Suntan Capacitors
BZX84C43 SUNTAN-BZX84C43 Datasheet
136Kb / 3P
   Zener breakdown voltage range - 2.0 V to 75 V
logo
Taiwan Semiconductor Co...
BZX84C43 TSC-BZX84C43 Datasheet
71Kb / 3P
   Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
logo
Dongguan City Niuhang E...
BZX84C43 NIUHANG-BZX84C43 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results

Description similaire - BZX84C43

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com