Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BZX84C2V4 Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce BZX84C2V4
Description  300mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C2V4 Fiches technique(HTML) 4 Page - Diodes Incorporated

  BZX84C2V4 Datasheet HTML 1Page - Diodes Incorporated BZX84C2V4 Datasheet HTML 2Page - Diodes Incorporated BZX84C2V4 Datasheet HTML 3Page - Diodes Incorporated BZX84C2V4 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS18001 Rev. 18 - 2
4 of 4
BZX84C2V4 - BZX84C39
www.diodes.com
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information (Note 4)
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
XXX = Product Type Marking Code (See Page 2)
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Device
Packaging
Shipping
(Type Number)-7*
SOT-23
3000/Tape & Reel
* Add “-7” to the appropriate type number in Table 1 (on Page 2). Example: 6.2V Zener = BZX84C6V2-7.
Month
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
JK
L
M
N
P
R
ST
U
V
W


Numéro de pièce similaire - BZX84C2V4

FabricantNo de pièceFiches techniqueDescription
Won-Top Electronics
Won-Top Electronics
BZX84C2V4 WTE-BZX84C2V4 Datasheet
56Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
Diodes Incorporated
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
204Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
Vishay Siliconix
Vishay Siliconix
BZX84C2V4 VISHAY-BZX84C2V4 Datasheet
114Kb / 8P
   Small Signal Zener Diodes
Pan Jit International Inc.
Pan Jit International I...
BZX84C2V4 PANJIT-BZX84C2V4 Datasheet
98Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
MAKO SEMICONDUCTOR CO.,LIMITED
MAKO SEMICONDUCTOR CO.,...
BZX84C2V4 MAKOSEMI-BZX84C2V4 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
More results

Description similaire - BZX84C2V4

FabricantNo de pièceFiches techniqueDescription
Shenzhen Luguang Electronic Technology Co., Ltd
Shenzhen Luguang Electr...
MM3Z2V4 LUGUANG-MM3Z2V4_V01 Datasheet
1Mb / 3P
   300mW Surface Mount Zener Diode
Revision:20211201-P1
Diodes Incorporated
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
Unisonic Technologies
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
Diodes Incorporated
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
More results


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz