Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BZX84C2V4 Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce BZX84C2V4
Description  300mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C2V4 Fiches technique(HTML) 3 Page - Diodes Incorporated

  BZX84C2V4 Datasheet HTML 1Page - Diodes Incorporated BZX84C2V4 Datasheet HTML 2Page - Diodes Incorporated BZX84C2V4 Datasheet HTML 3Page - Diodes Incorporated BZX84C2V4 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS18001 Rev. 18 - 2
3 of 4
BZX84C2V4 - BZX84C39
www.diodes.com
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Z
Fig. 2 Zener Breakdown Characteristics
T = 25°C
j
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
C9V1
Test Current I
Z
5.0mA
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 4 Total Capacitance vs Nominal Zener Voltage
T= 25 °C
j
V= 1V
R
V= 2V
R
V= 1V
R
V= 2V
R
T , Ambient Temperature, (°C)
A
Fig. 1 Power Derating Curve
200
100
300
0
400
0
100
200
0
10
20
30
0
V , ZENER VOLTAGE (V)
Z
Fig. 3 Zener Breakdown Characteristics
10
20
30
40
T = 25°C
j
Test current I
Z
5mA
Test current I
Z
2mA
C10
C12
C18
C22
C27
C33
C36
C39
C15


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
AZ23C2V7 300mW DUAL SURFACE MOUNT ZENER DIODE 1  2  3  Diodes Incorporated
DZ23C2V7 300mW DUAL SURFACE MOUNT ZENER DIODE 1  2  3  Diodes Incorporated
DDZ9693 SURFACE MOUNT PRECISION ZENER DIODE 1  2  3  4  5  More Diodes Incorporated
CMPZDA2V4 SURFACE MOUNT DUAL SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW 1  2  Central Semiconductor Corp
ZM200-X 1WATT SURFACE MOUNT ZENER DIODE 1  2  Formosa MS
1SMC5348 SURFACE MOUNT SILICON ZENER DIODE 1  2  3  4  5  Transys Electronics
SMAZ100 1.0W SURFACE MOUNT ZENER DIODE 1  2  3  Vishay Siliconix
FQZX363C5V6 QUAD SURFACE MOUNT ZENER DIODE ARRAY 1  2  3  4  Jiangsu Changjiang Electronics Technology Co., Ltd
SMAZ5V1 1.0A SURFACE MOUNT ZENER DIODE 1  2  3  Diodes Incorporated
CZRM27C3V6P Surface Mount Zener Diode 1  2  3  Comchip Technology

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn