Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N135 Fiches technique(PDF) 11 Page - Everlight Electronics Co., Ltd

No de pièce 6N135
Description  8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N135 Fiches technique(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button 6N135 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 11Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 12Page - Everlight Electronics Co., Ltd 6N135 Datasheet HTML 13Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DATASHEET
8PIN DIP HIGH SPEED 1M bit/s TRANSISTOR PHOTO COUPLER
6N135 6N136 EL450x series
11
Copyright © 2010, Everlight All Rights Reserved. Release Date : May 13, 2013. Issue No:DPC-0000112 Rev.3
www.everlight.com
Tape & Reel Packing Specifications
Tape dimensions
Dimension No.
A
B
Do
D1
E
F
Dimension(mm)
10.4±0.1
10.0±0.1
1.5+0.1/-0
1.5±0.25/-0
1.75±0.1
7.5±0.1
Dimension No.
Po
P1
P2
t
W
K
Dimension(mm)
4.0±0.1
12.0±0.1
2.0±0.05
0.4±0.05
16.0±0.3/
4.5±0.1
Option TA
Option TB
Direction of feed from reel
Direction of feed from reel


Numéro de pièce similaire - 6N135

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
Texas Instruments
6N135 TI-6N135 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
6N135 ETC1-6N135 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
More results

Description similaire - 6N135

FabricantNo de pièceFiches techniqueDescription
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135_14 Datasheet
881Kb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL253X EVERLIGHT-EL253X Datasheet
954Kb / 13P
   8 PIN DIP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
   8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL053X EVERLIGHT-EL053X Datasheet
526Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM453L EVERLIGHT-ELM453L Datasheet
385Kb / 12P
   5 PIN SOP 3.3V 1Mbit/s HIGH SPEED TRANSISTOR PHOTOCOUPLER
EL4504 EVERLIGHT-EL4504 Datasheet
1Mb / 14P
   HIGH CMR HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com