Moteur de recherche de fiches techniques de composants électroniques |
|
BAT1000 Fiches technique(PDF) 1 Page - Diodes Incorporated |
|
BAT1000 Fiches technique(HTML) 1 Page - Diodes Incorporated |
1 / 3 page DS30245 Rev 2 - 2 1 of 3 BAT1000 BAT1000 1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Features · Case: SOT-23, Molded Plastic · Case material - UL Flammability Rating Classification 94V-0 · Moisture sensitivity: Level 1 perJ-STD-020A · Terminals: Solderable per MIL-STD-202, Method 208 · Polarity: See Diagram · Weight: 0.008 grams (approx.) · Marking: K79 and Date Code, See Page 3 · Ordering Information: See Page 3 Mechanical Data Maximum Ratings @ TA = 25°C unless otherwise specified · Very Low Forward Voltage Drop · High Conductance · For Use in DC-DC Converter, PCMCIA, and Mobile Telecommunications Applications Characteristic Symbol Value Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 40 V RMS Reverse Voltage VR(RMS) 28 V Average Rectified Current (Note 1) IO 1.0 A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM 5.5 A Power Dissipation (Note 1) Pd 500 mW Typical Thermal Resistance, Junction to Ambient Air (Note 1) RqJA 200 °C/W Operating Temperature Range Tj -40 to +125 °C Storage Temperature Range TSTG -40 to +150 °C Notes: 1. Part mounted on FR-4 board with recommended pad layout, which can be found on ourwebsite at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used to minimize self-heating effect. A E J L TOP VIEW M B C H G D K Characteristic Symbol Min Typ MaxUnit Test Condition Reverse Breakdown Voltage (Note 2) V(BR)R 40 ¾¾ V IR = 300uA Forward Voltage (Note 2) VF ¾ 225 235 290 340 390 420 475 270 290 340 400 450 500 600 mV IF = 50mA IF = 100mA IF = 250mA IF = 500mA IF = 750mA IF = 1000mA IF = 1500mA Reverse Current (Note 2) IR ¾¾ 100 mA VR = 30V Total Capacitance CT ¾ ¾ 175 25 ¾ ¾ pF pF VR = 0V, f = 1.0MHz VR = 25V, f = 1.0MHz Electrical Characteristics @ TA = 25°C unless otherwise specified SOT-23 Dim Min Max A 0.37 0.51 B 1.20 1.40 C 2.30 2.50 D 0.89 1.03 E 0.45 0.60 G 1.78 2.05 H 2.80 3.00 J 0.013 0.10 K 0.903 1.10 L 0.45 0.61 M 0.85 0.80 a 0° 8° All Dimensions in mm |
Numéro de pièce similaire - BAT1000 |
|
Description similaire - BAT1000 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |