Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-367-057 Fiches technique(PDF) 12 Page - Spectrum Microwave, Inc.

No de pièce 54-367-057
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPECTRUM [Spectrum Microwave, Inc.]
Site Internet  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

54-367-057 Fiches technique(HTML) 12 Page - Spectrum Microwave, Inc.

Back Button 54-367-057 Datasheet HTML 8Page - Spectrum Microwave, Inc. 54-367-057 Datasheet HTML 9Page - Spectrum Microwave, Inc. 54-367-057 Datasheet HTML 10Page - Spectrum Microwave, Inc. 54-367-057 Datasheet HTML 11Page - Spectrum Microwave, Inc. 54-367-057 Datasheet HTML 12Page - Spectrum Microwave, Inc. 54-367-057 Datasheet HTML 13Page - Spectrum Microwave, Inc. 54-367-057 Datasheet HTML 14Page - Spectrum Microwave, Inc. 54-367-057 Datasheet HTML 15Page - Spectrum Microwave, Inc. 54-367-057 Datasheet HTML 16Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
.250
(6.35)
.560 Max.
(14.22)
.312
(7.92)
.115
± .005
(2.92
± .127)
5/16–24 Unf–2A Thd.
ø .687
± .015
(17.45
± .38)
.062
(1.57) x .125 (3.17)
Slot, both ends
L
Figure 1
85°C
125°C
Rated Voltage
DC
AC
10
6
6
29
19
19
14
14
39
25
25
19
19
50
36
36
30
30
60
50
50
45
50
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
¦ 9932-100-6004
54-310-001
54-310-005
54-310-009
¦ 9932-100-6005
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
2
1
1
15
15
25
15
15
2.600
0.500
0.500
0.250
0.250
70
70
70
60
70
70
70
70
70
70
200
300
250
450
450
150
300
200
400
400
240
240
125
125
240
240
DC
AC
MIL
No
Max
L
0.702
0.560
0.750
0.560
0.560
(17.831)
(14.224)
(19.050)
(14.224)
(14.224)
In
(mm)
DCR
Max
Ohms
0.005
0.005
0.005
0.005
0.005
¦ Also available through Spectrum Control’s authorized distributors.
85°C
125°C
Rated Voltage
DC
AC
515
21
31
51
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
54-310-039
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
15
0.200
70
70
275
125
DC
AC
M15733
MIL
No
34-0037
Max
L
0.575
(14.605)
In
(mm)
DCR
Max
Ohms
0.005
.690 ø C Circuit MIL Qualified Product
85°C
125°C
Rated Voltage
DC
AC
—10
16
26
40
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
54-310-042
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
15
0.150
52
70
400
230
DC
AC
84084
No
-001
Max
L
0.700
(17.780)
In
(mm)
DCR
Max
Ohms
0.005
.690 ø C Circuit DSCC 84084 Product
.250
(6.35)
.735 Max.
(18.62)
.312
(7.92)
L
ø .687
± .015
(17.45
± .38)
5/16–24 Unf–2A Thd.
.093
(2.36)
ø Hole, both ends
Figure 2
Dimensions in inches
(mm)
.690 ø C Circuit
.690 ø C Circuit Standard Product
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
97
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 33


Numéro de pièce similaire - 54-367-057

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
54-367-057 APITECH-54-367-057 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Description similaire - 54-367-057

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com