Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54-367-054 Datasheet(Fiches technique) 5 Page - Spectrum Microwave, Inc.

Numéro de pièce 54-367-054
Description  Hermetically Sealed Threaded Case Filters
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SPECTRUM [Spectrum Microwave, Inc.]
Site Internet  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

54-367-054 Datasheet(HTML) 5 Page - Spectrum Microwave, Inc.

  54-367-054 Datenblatt HTML 1Page - Spectrum Microwave, Inc. 54-367-054 Datenblatt HTML 2Page - Spectrum Microwave, Inc. 54-367-054 Datenblatt HTML 3Page - Spectrum Microwave, Inc. 54-367-054 Datenblatt HTML 4Page - Spectrum Microwave, Inc. 54-367-054 Datasheet HTML 5Page - Spectrum Microwave, Inc. 54-367-054 Datenblatt HTML 6Page - Spectrum Microwave, Inc. 54-367-054 Datenblatt HTML 7Page - Spectrum Microwave, Inc. 54-367-054 Datenblatt HTML 8Page - Spectrum Microwave, Inc. 54-367-054 Datenblatt HTML 9Page - Spectrum Microwave, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
.385 Max.
(9.78)
L
A/B
.160
(4.064)
Max.
.200
(5.08)
1/4?28 Unf?2A Thd.
.050
(1.27) x .070 (1.78)
Slot, both ends
Figure 1
.200
(5.08)
.150
(3.81)
Max.
A/B
.115 Ref.
(2.92)
.060
(1.524) Ref.
Both ends
1/4?28 Unf?2A Thd.
.190 Max.
(3.81)
.385 Max.
(9.78)
L
Thread length:
A - 0.187 (4.76)
B - 0.312 (7.92)
Note: .410 Max. for
M28861 parts
85C
125C
Rated Voltage
DC
AC
44
21
16
16
15
15
70
52
31
33
28
28
70
64
37
44
33
33
70
70
55
70
46
44
70
70
70
70
70
60
Minimum Insertion Loss (dB)
CKT
Min
Cap
F
150
KHz
Part Number
.375 L Circuit Standard Product
51-353-007
51-353-095
51-353-003
51-353-099
51-353-100
9200-300-0025
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
LB
LT
LB
LT
LT
LB
1.400
1.400
1.400
1.400
1.400
1.200
70
70
70
70
70
70
70
70
70
70
70
70
80
80
80
80
80
80
50
50
50
50
50
50
?
?
?
?
?
?
?
?
?
?
?
?
DC
AC
MIL
No
?
?
?
?
?
?
Max
L
0.770
0.960
0.770
0.770
0.770
0.450
(19.558)
(24.384)
(19.558)
(19.558)
(19.558)
(11.430)
In
(mm)
DCR
Max
Ohms
70.000
12.000
1.200
0.250
0.015
0.010
Thd
Lgth
A
A
A
A
A
A
I
Amp
0.06
0.15
0.45
1.00
5.00
10.00
Also available through Spectrum Control?s authorized distributors.
Threaded
End
Threaded
End
L-C Filter LT
L-C Filter LB
.375 L Circuit
Dimensions in inches
(mm)
SPECTRUM CONTROL INC. ? 8031 Avonia Rd. ? Fairview, PA 16415 ? Phone: 814-474-2207 ? Fax: 814-474-2208 ? Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH ? Hansastrasse 6 ? 91126 Schwabach, Germany ? Phone: (49)-9122-795-0 ? Fax: (49)-9122-795-58
90
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 26


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn