Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54-367-008 Datasheet(Fiches technique) 3 Page - Spectrum Microwave, Inc.

Numéro de pièce 54-367-008
Description  Hermetically Sealed Threaded Case Filters
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SPECTRUM [Spectrum Microwave, Inc.]
Site Internet  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

54-367-008 Datasheet(HTML) 3 Page - Spectrum Microwave, Inc.

  54-367-008 Datenblatt HTML 1Page - Spectrum Microwave, Inc. 54-367-008 Datenblatt HTML 2Page - Spectrum Microwave, Inc. 54-367-008 Datasheet HTML 3Page - Spectrum Microwave, Inc. 54-367-008 Datenblatt HTML 4Page - Spectrum Microwave, Inc. 54-367-008 Datenblatt HTML 5Page - Spectrum Microwave, Inc. 54-367-008 Datenblatt HTML 6Page - Spectrum Microwave, Inc. 54-367-008 Datenblatt HTML 7Page - Spectrum Microwave, Inc. 54-367-008 Datenblatt HTML 8Page - Spectrum Microwave, Inc. 54-367-008 Datenblatt HTML 9Page - Spectrum Microwave, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
.375 ø L Circuit
Threaded
End
Threaded
End
85°C
125°C
Rated Voltage
DC
AC
15
15
15
15
15
15
15
15
15
20
15
9
25
28
28
25
28
28
28
28
28
34
25
20
34
33
33
34
33
33
33
33
33
40
34
29
44
44
44
44
44
44
44
44
44
49
44
39
60
60
60
60
60
60
60
60
60
60
60
52
Minimum Insertion Loss (dB)
CKT
Min
Cap
µF
150
KHz
Part Number
.375 ø L Standard Low Profile
¦ 9051-100-0000
¦ 51-359-001 €
SCI-1021-000
¦ 9053-100-0001
¦ 51-717-001 €
51-344-006
¦ SCI-1020-000
SCI-1021-020
¦ SCI-1020-020
SCI-1150-001
9051-101-0018
¦ 9053-100-0008
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
2*
1
2*
4
1
2*
1
1
5
1
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
1.200
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
2.800
1.400
0.700
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
80
80
80
80
80
80
80
80
80
80
80
100
50
50
50
50
50
50
50
50
50
50
50
70
DC
AC
MIL
No
Max
L
0.370
0.370
0.280
0.370
0.325
0.330
0.370
0.280
0.370
0.450
0.450
0.370
(9.398)
(9.398)
(7.112)
(9.398)
(8.255)
(8.382)
(9.398)
(7.112)
(9.398)
(11.430)
(11.430)
(9.398)
In
(mm)
DCR
Max
Ohms
0.005
0.005
0.003
0.005
0.005
0.005
0.003
0.003
0.003
0.003
0.001
0.005
Thd
Lgth
A
A
A
A
A
A
A
B
B
B
A
A
I
Amp
15
15
15
15
15
15
15
15
15
15
25
15
* Part is resin sealed, this is not a hermetic part.
¦ Also available through Spectrum Control’s authorized distributors.
Also available through Spectrum Control’s authorized European distributors/agents.
◊ Note: 0.462" (11.73mm) length from mounting
surface to end of lead — not 0.347" (8.8mm).
ø .385 Max.
(9.78)
L
A/B
.160
(4.064)
Max.
.200
(5.08)
1/4–28 Unf–2A Thd.
.050
(1.27) x .070 (1.78)
Slot, both ends
Figure 1
.347
(8.814)
.080
(2.032)
Max.
A/B
L
ø .040
± .001
(1.02
± .025)
ø .410
(10.41)
Max.
.200
(5.08)
1/4–28 Unf–2A Thd.
Resin Sealed
Not Hermetically Sealed
Figure 2
.200
(5.08)
.467
(11.86)
Max.
ø .040
± .001
(1.02
± .025)
Typ.
ø .410
(10.41)
Max.
A/B
L
1/4–28 Unf–2A Thd.
Figure 3
.200
(5.08)
ø .385
(9.78)
Max.
ø .040
(1.02)
1/4–28 Unf–2A Thd.
L
A/B
.343
(8.712)
Max.
Figure 4
.200
(5.08)
#16Awg,
.051
(1.30) ø
ø .385
(9.78)
Max.
.250
± .030
(6.35
± 0.8)
L
A/B
1/4–28 Unf–2A Thd.
Figure 5
Thread length: A - 0.187 (4.76) B - 0.312 (7.92)
Note: ø .410 Max. for
M28861 parts
L-C Filter LT
L-C Filter LB
Dimensions in inches
(mm)
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
88
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 24


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn